Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGCR01 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MGCR01
Description  Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCR01 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MGCR01 Datasheet HTML 1Page - Zarlink Semiconductor Inc MGCR01 Datasheet HTML 2Page - Zarlink Semiconductor Inc MGCR01 Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCR01 Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCR01 Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCR01 Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCR01 Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCR01 Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCR01 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MGCR01
4
DLL and Prescaler divide ratios
The BAND 1900 and DIV2 EN inputs allow the overall divide ratio to control the total divide ratio in MGCR01 as
shown in the following table.
Notes:
if DIV2 EN is set low then the total divider ratio is always 8.
If DIV2 EN is set high then the prescaler divide ratio is always 2. For example with BAND 1900 high and if the
oscillator frequency is 300MHz, then the DLL output (the mixer LO frequency) will be 150MHz and the
prescaler output will be 75MHz.
Electrostatic handling precautions must be applied.
BAND 1900
DIV2 EN
DLL Divide Ratio
Prescaler Divide
Ratio
Total Divide Ratio
11224
01428
10248
00428
Table 3 - Prescaler Ratios
Description
Min
Typ
Max
Units
Comments
Supply Voltage
4.0
Volts
Operation temperature, Tamb
-30
+100
°C
Ambient temperature
Storage temperature, Tstg
-40
+125
°C
Junction temperature, Tj
+150
°C
Power dissipation
350
mW
Maximum Pin Voltage
Vcc+0.6
Volts
All pins except VCC and GND
Minimum Pin Voltage
-0.6
Volts
All pins except VCC and GND
ESD voltage
1.75
kV
Human Body Metal
Table 4 - Absolute Maximum Ratings


Similar Part No. - MGCR01

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MGC-25S-25S-JS-JS ADAM-TECH-MGC-25S-25S-JS-JS Datasheet
103Kb / 1P
   MINI GENDER CHANGER
logo
Murata Manufacturing Co...
MGC0R88RFLV MURATA1-MGC0R88RFLV Datasheet
1Mb / 17P
   MonoBlock type POL, Low output 8A DC-DC converter series for core
2018
logo
ON Semiconductor
MGC15N35CL ONSEMI-MGC15N35CL Datasheet
99Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 0
MGC15N40CL ONSEMI-MGC15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
logo
Murata Manufacturing Co...
MGC1R83BFPV MURATA1-MGC1R83BFPV Datasheet
1Mb / 19P
   MonoBlock type POL, Multi output DC-DC Converter Series
2018
More results

Similar Description - MGCR01

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
   CDMA/AMPS dual Band IF Receiver for Digital Phones
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
logo
Zarlink Semiconductor I...
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
   TDMA/AMPS IF and Baseband Interface
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
   CDMA/AMPS Dual Band and RF Receiver
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
   CDMA/AMPS Dual Band RF Receiver
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
logo
Transko Electronics, In...
TF-8010-ND TRANSKO-TF-8010-ND Datasheet
375Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
TF-8011-ND TRANSKO-TF-8011-ND Datasheet
378Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com