Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8707PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF8707PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8707PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF8707PBF Datasheet HTML 1Page - International Rectifier IRF8707PBF Datasheet HTML 2Page - International Rectifier IRF8707PBF Datasheet HTML 3Page - International Rectifier IRF8707PBF Datasheet HTML 4Page - International Rectifier IRF8707PBF Datasheet HTML 5Page - International Rectifier IRF8707PBF Datasheet HTML 6Page - International Rectifier IRF8707PBF Datasheet HTML 7Page - International Rectifier IRF8707PBF Datasheet HTML 8Page - International Rectifier IRF8707PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
10/24/07
IRF8707PbF
HEXFET® Power MOSFET
Notes
 through … are on page 9
Benefits
l Very Low Gate Charge
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l 20V VGS Max. Gate Rating
l 100% tested for Rg
l Lead-Free
Applications
l Control MOSFET of Sync-Buck
Converters used for Notebook
Processor Power
l Control MOSFET for Isolated
DC-DC Converters in Networking
Systems
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
VDSS
RDS(on) max
Qg
30V
11.9m:@VGS = 10V 6.2nC
Description
The IRF8707PbF incorporates the latest HEXFET Power MOSFET Silicon Technology into the
industry standard SO-8 package. The IRF8707PbF has been optimized for parameters that are
critical in synchronous buck operation including Rds(on) and gate charge to reduce both conduction
and switching losses. The reduced total losses make this product ideal for high efficiency DC-DC
converters that power the latest generation of processors for notebook and Netcom applications.
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
PD @TA = 70°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
g
–––
20
RθJA
Junction-to-Ambient
fg
–––
50
°C/W
V
A
W
°C
Max.
11
9.1
88
± 20
30
-55 to + 150
2.5
0.02
1.6
PD - 96118A


Similar Part No. - IRF8707PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8707PBF IRF-IRF8707PBF Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
IRF8707PBF IRF-IRF8707PBF_15 Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
More results

Similar Description - IRF8707PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com