Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGB4055PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGB4055PBF
Description  PDP TRENCH 1GBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGB4055PBF Datasheet(HTML) 1 Page - International Rectifier

  IRGB4055PBF Datasheet HTML 1Page - International Rectifier IRGB4055PBF Datasheet HTML 2Page - International Rectifier IRGB4055PBF Datasheet HTML 3Page - International Rectifier IRGB4055PBF Datasheet HTML 4Page - International Rectifier IRGB4055PBF Datasheet HTML 5Page - International Rectifier IRGB4055PBF Datasheet HTML 6Page - International Rectifier IRGB4055PBF Datasheet HTML 7Page - International Rectifier IRGB4055PBF Datasheet HTML 8Page - International Rectifier IRGB4055PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
03/16/07
Description
This IGBT is specifically designed for applications in Plasma Display Panels. This device utilizes
advanced trench IGBT technology to achieve low VCE(on) and low EPULSETM rating per silicon area
which improve panel efficiency. Additional features are 150°C operating junction temperature and high
repetitive peak current capability. These features combine to make this IGBT a highly efficient, robust
and reliable device for PDP applications.
Features
l
Advanced Trench IGBT Technology
l
Optimized for Sustain and Energy Recovery
circuits in PDP applications
l
Low VCE(on) and Energy per Pulse (EPULSETM)
for improved panel efficiency
l
High repetitive peak current capability
l
Lead Free package
PDP TRENCH IGBT
VCE min
300
V
VCE(ON) typ. @ 110A
1.70
V
IRP max @ TC= 25°C c
270
A
TJ max
150
°C
Key Param eters
IRGB4055PbF
IRGS4055PbF
E
C
G
n-channel
GC
E
Gate
Collector
Emitter
D2Pak
IRGS4055DPbF
E
C
G
C
TO-220
IRGB4055DPbF
C
E
C
G
Absolute Maximum Ratings
Parameter
Units
VGE
Gate-to-Emitter Voltage
V
IC @ TC = 25°C
Continuous Collector Current, VGE @ 15V
IC @ TC = 100°C
Continuous Collector, VGE @ 15V
IRP @ TC = 25°C
Repetitive Peak Current c
PD @TC = 25°C
Power Dissipation
PD @TC = 100°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature for 10 seconds
Mounting Torque, 6-32 or M3 Screw
N
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case d
–––
0.50
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
–––
RθJA
Junction-to-Ambient, TO-220
d
–––
62
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak d
–––
40
A
°C/W
W
°C
270
300
-40 to + 150
10lb
xin (1.1Nxm)
255
102
2.04
Max.
60
110f
±30
PD - 97058B


Similar Part No. - IRGB4055PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4055PBF IRF-IRGB4055PBF Datasheet
620Kb / 7P
   Advanced Trench IGBT Technology
More results

Similar Description - IRGB4055PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7S313UPBF IRF-IRG7S313UPBF Datasheet
250Kb / 8P
   PDP TRENCH IGBT
IRG6S330UPBF IRF-IRG6S330UPBF Datasheet
237Kb / 8P
   PDP TRENCH IGBT
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
   PDP TRENCH IGBT
IRGP4055DPBF IRF-IRGP4055DPBF Datasheet
263Kb / 7P
   PDP TRENCH IGBT
IRG6B330UDPBF IRF-IRG6B330UDPBF Datasheet
275Kb / 7P
   PDP TRENCH IGBT
IRGI4085PBF IRF-IRGI4085PBF Datasheet
768Kb / 7P
   PDP TRENCH IGBT
IRGP4065PBF IRF-IRGP4065PBF Datasheet
317Kb / 7P
   PDP TRENCH IGBT
IRGP4055PBF IRF-IRGP4055PBF Datasheet
245Kb / 7P
   PDP TRENCH IGBT
IRG7IC28UPBF IRF-IRG7IC28UPBF Datasheet
287Kb / 7P
   PDP TRENCH IGBT
09/02/2010
IRG7R313UPBF IRF-IRG7R313UPBF Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com