Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU3410PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRLU3410PBF
Description  HEXFET짰 Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU3410PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLU3410PBF Datasheet HTML 3Page - International Rectifier IRLU3410PBF Datasheet HTML 4Page - International Rectifier IRLU3410PBF Datasheet HTML 5Page - International Rectifier IRLU3410PBF Datasheet HTML 6Page - International Rectifier IRLU3410PBF Datasheet HTML 7Page - International Rectifier IRLU3410PBF Datasheet HTML 8Page - International Rectifier IRLU3410PBF Datasheet HTML 9Page - International Rectifier IRLU3410PBF Datasheet HTML 10Page - International Rectifier IRLU3410PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRLR/U3410PbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/04
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH


Similar Part No. - IRLU3410PBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRLU3410PBF VBSEMI-IRLU3410PBF Datasheet
1,013Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - IRLU3410PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com