Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21271PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS21271PBF
Description  CURRENT SENSING SINGLE CHANNEL DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21271PBF Datasheet(HTML) 3 Page - International Rectifier

  IRS21271PBF Datasheet HTML 1Page - International Rectifier IRS21271PBF Datasheet HTML 2Page - International Rectifier IRS21271PBF Datasheet HTML 3Page - International Rectifier IRS21271PBF Datasheet HTML 4Page - International Rectifier IRS21271PBF Datasheet HTML 5Page - International Rectifier IRS21271PBF Datasheet HTML 6Page - International Rectifier IRS21271PBF Datasheet HTML 7Page - International Rectifier IRS21271PBF Datasheet HTML 8Page - International Rectifier IRS21271PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.irf.com
3
IRS212(7, 71, 8, 81)(S)PbF
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
(IRS2127/IRS21271)
Logic “0” input voltage
(IRS2128/IRS21281)
VIL
Logic “0” input voltage
(IRS2127/IRS21271)
Logic “1” input voltage
(IRS2128/IRS21281)
VCSTH+
CS input positive
(IRS2127/IRS2128)
180
250
320
mV
going threshold
(IRS21271/IRS21281)
1.5
1.8
2.1
VOH
High level output voltage, VBIAS - VO
0.05
0.2
VOL
Low level output voltage, VO
0.02
0.1
ILK
Offset supply leakage current
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
300
800
IQCC
Quiescent VCC supply current
60
120
IIN+
Logic “1” input bias current
7.0
15
VIN = 5 V
IIN-
Logic “0” input bias current
5.0
VIN = 0 V
ICS+
“High” CS bias current
5.0
VCS = 3 V
ICS-
“High” CS bias current
5.0
VCS = 0 V
VBSUV+
VBS supply undervoltage
(IRS2127/IRS2128)
8.8
10.3
11.8
positive going threshold
(IRS21271/IRS21281)
6.3
7.2
8.2
VBSUV-
VBS supply undervoltage
(IRS2127/IRS2128)
7.5
9.0
10.6
negative going threshold
(IRS21271/IRS21281)
6.0
6.8
7.7
IO+
Output high short circuit pulsed current
200
290
VO = 0 V, VIN = 5 V
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
420
600
VO = 15 V, VIN = 0 V
PW
≤ 10 µs
Ron,FLT
FAULT - low on resistance
125
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
150
200
VS = 0 V
toff
Turn-off propagation delay
150
200
VS = 600 V
tr
Turn-on rise time
80
130
tf
Turn-off fall time
40
65
ns
tbl
Start-up blanking time
550
750
950
tcs
CS shutdown propagation delay
65
360
tflt
CS to FAULT pull-up propagation delay
270
510
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, CL = 1000 pF and TA = 25 °C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in Fig. 3.
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V and TA = 25 °C unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to VS.
2.5
VIN = 0 V or 5 V
µA
mA
V
V
0.8
VCC = 10 V to 20 V
IO = 2 mA
V


Similar Part No. - IRS21271PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS21271 INFINEON-IRS21271 Datasheet
741Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60299
IRS21271S INFINEON-IRS21271S Datasheet
741Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60299
More results

Similar Description - IRS21271PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2128 IRF-IR2128 Datasheet
194Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2127 INFINEON-IR2127 Datasheet
201Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
logo
International Rectifier
IR21271STRPBF IRF-IR21271STRPBF Datasheet
320Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127STRPBF IRF-IR2127STRPBF Datasheet
199Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IRS212 INFINEON-IRS212 Datasheet
741Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60299
logo
International Rectifier
IR2127 IRF-IR2127 Datasheet
230Kb / 6P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IR2122 IRF-IR2122 Datasheet
91Kb / 6P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IRS2127PBF IRF-IRS2127PBF_15 Datasheet
320Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127 IRF-IR2127_15 Datasheet
199Kb / 16P
   SURRENT SENSING SINGLE CHANNEL DRIVER
logo
Micrel Semiconductor
MIC5020 MICREL-MIC5020 Datasheet
99Kb / 7P
   Current-Sensing Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com