Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13038ATX+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX13038ATX+
Description  Automotive Contact Monitor and Level Shifters with LDO Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13038ATX+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX13038ATX+ Datasheet HTML 1Page - Maxim Integrated Products MAX13038ATX+ Datasheet HTML 2Page - Maxim Integrated Products MAX13038ATX+ Datasheet HTML 3Page - Maxim Integrated Products MAX13038ATX+ Datasheet HTML 4Page - Maxim Integrated Products MAX13038ATX+ Datasheet HTML 5Page - Maxim Integrated Products MAX13038ATX+ Datasheet HTML 6Page - Maxim Integrated Products MAX13038ATX+ Datasheet HTML 7Page - Maxim Integrated Products MAX13038ATX+ Datasheet HTML 8Page - Maxim Integrated Products MAX13038ATX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Automotive Contact Monitor and
Level Shifters with LDO Regulator
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (continued)
(BAT = +6V to +26V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at BAT = +14V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SDI to Falling Edge of CLK
Required Setup Time
tSI(SU)
Input rise/fall time < 2ns, Figure 1
30
ns
Falling Edge of CLK to SDI
Required Hold Time
tSI(HOLD)
Input rise/fall time < 2ns, Figure 1
20
ns
Time from Falling Edge of
CS to
SDO Low Impedance
tSO(EN)
Input rise/fall time < 2ns, Figure 1
55
ns
Time from Rising Edge of
CS to
SDO High Impedance
tSO(DIS)
Figures 1 and 2
55
ns
Time from Rising Edge of CLK to
SDO Data Valid
tVALID
CSDO =15pF, Figure 1
70
ms
CTDEB = 500pF
3.18
5.9
9.42
ms
Debounce Time
tDEB
CTDEB = 10nF
63
120
188
ms
Scanning Time Pulse
tSCAN
130
250
400
µs
Scanning Time Period
tSCAN-P
SC0 = 0, SC1 = 1, SC2 = 1
4
8
14
ms
Wetting Time Pulse
tWETT
WTOFF = 0
10
21
35
ms
Time from Shutdown to Normal
Operation
tSD
SD low-to-high transition to input monitoring
enabled
200
µs
Time from SCAN Mode to Normal
Operation
tSM
(Note 8)
500
µs
Reset Output Pulse Width
tRST
CTD = 10nF (Figure 3)
10
21
36
ms
Watchdog Timeout Period 1
tWD1
CTD = 10nF, time before INT goes low
(Figure 3)
40
84
144
ms
Watchdog Timeout Period 2
tWD2
CTD = 10nF, time before RST goes low
(Figure 3)
2 x tWD1
ms
Minimum Watchdog Timeout
Reset on WDI
tWDI
300
ns
Note 2: All units are 100% production tested at TA = 125°C. Limits over the operating temperature range are guaranteed by design and
not production tested.
Note 3: VTH_C = (VTH_HIGH + VTH_LOW) / 2.
Note 4: VTH_HYS = (VTH_HIGH - VTH_LOW).
Note 5: Wetting current rise/fall time is measured as the time it takes to go from 20% to 80% of the maximum wetting current.
Note 6: TSHDN is the temperature at which the wetting currents and LDO are disabled.
Note 7: TWARN is the temperature at which only the wetting currents are disabled.
Note 8: When exiting SCAN mode to enter Normal Mode (through SPI) any input change is ignored for 500µs (typ) to allow correct
wake-up of input comparators. After this time elapses, the inputs are monitored in continuous mode.


Similar Part No. - MAX13038ATX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1303 MAXIM-MAX1303 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030EEBE MAXIM-MAX13030EEBE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030EEBE++ MAXIM-MAX13030EEBE+ Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030EETE MAXIM-MAX13030EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
More results

Similar Description - MAX13038ATX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
309Kb / 18P
   Automotive Contact Monitor and Level Shifter
Rev 0; 4/07
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Global Mixed-mode Techn...
G2581 GMT-G2581 Datasheet
144Kb / 1P
   9-CH Level Shifters
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Exar Corporation
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280 EXAR-XR20M1280 Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Analog Devices
ADSY8401 AD-ADSY8401 Datasheet
300Kb / 16P
   LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com