Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16048 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16048
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16048 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16048 Datasheet HTML 2Page - Maxim Integrated Products MAX16048 Datasheet HTML 3Page - Maxim Integrated Products MAX16048 Datasheet HTML 4Page - Maxim Integrated Products MAX16048 Datasheet HTML 5Page - Maxim Integrated Products MAX16048 Datasheet HTML 6Page - Maxim Integrated Products MAX16048 Datasheet HTML 7Page - Maxim Integrated Products MAX16048 Datasheet HTML 8Page - Maxim Integrated Products MAX16048 Datasheet HTML 9Page - Maxim Integrated Products MAX16048 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3V to 14V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC shorted to GND, SCL/SDA at 0V or
3.3V
-1
+1
Input Leakage Current
-1
+1
µA
Output-Voltage Low
VOL
ISINK = 3mA
0.4
V
Input Capacitance
CIN
5pF
SMBUS TIMING
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between STOP
and START Condition
tBUF
1.3
µs
START Condition Setup Time
tSU:STA
0.6
µs
START Condition Hold Time
tHD:STA
0.6
µs
STOP Condition Setup Time
tSU:STO
0.6
µs
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Data Setup Time
tSU:DAT
100
ns
Output Fall Time
tOF
10pF
≤ CBUS ≤ 400pF
250
ns
Data Hold Time
tHD:DAT
From 50% SCL falling to SDA change
0.3
0.9
µs
Pulse Width of Spike Suppressed
tSP
30
ns
JTAG INTERFACE
TDI, TMS, TCK Logic-Low Input
Voltage
VIL
Input voltage falling
0.55
V
TDI, TMS, TCK Logic-High Input
Voltage
VIH
Input voltage rising
2
V
TDO Logic-Output Low Voltage
VOL_TDO
VDBP
≥ 2.5V, ISINK = 2mA
0.4
V
TDO Logic-Output High Voltage
VOH_TDO
VDBP
≥ 2.5V, ISOURCE = 200mA
2.4
V
TDO Leakage Current
TDO high impedance
-1
+1
µA
TDI, TMS Pullup Resistors
RJPU
Pullup to VDBP
710
13
k
Ω
Input/Output Capacitance
CI/O
5pF
JTAG TIMING
TCK Clock Period
t1
1000
ns
TCK High/Low Time
t2, t3
50
500
ns
TCK to TMS, TDI Setup Time
t4
15
ns
TCK to TMS, TDI Hold Time
t5
15
ns
TCK to TDO Delay
t6
500
ns
TCK to TDO High-Impedance
Delay
t7
500
ns
EEPROM TIMING
EEPROM Byte Write Cycle Time
tWR
(Note 6)
10.5
12
ms
Note 1: Specifications are guaranteed for the stated global conditions, unless otherwise noted. 100% production tested at TA = +25°C
and TA = +85°C. Specifications at TA = -40°C are guaranteed by design.
Note 2: VUVLO is the minimum voltage on VCC to ensure the device is EEPROM configured.
Note 3: Applies to RESET, fault, delay, and watchdog timeouts.
Note 4: Total unadjusted error is a combination of gain, offset, and quantization error.
Note 5: Guaranteed by design.
Note 6: An additional cycle is required when writing to configuration memory for the first time.


Similar Part No. - MAX16048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16048 MAXIM-MAX16048 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16048ACB++ MAXIM-MAX16048ACB+ Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16048ATN++ MAXIM-MAX16048ATN+ Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16048ECB++ MAXIM-MAX16048ECB+ Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16048ETN++ MAXIM-MAX16048ETN+ Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
More results

Similar Description - MAX16048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com