Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16807 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16807
Description  Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16807_07 Datasheet HTML 1Page - Maxim Integrated Products MAX16807_07 Datasheet HTML 2Page - Maxim Integrated Products MAX16807_07 Datasheet HTML 3Page - Maxim Integrated Products MAX16807_07 Datasheet HTML 4Page - Maxim Integrated Products MAX16807_07 Datasheet HTML 5Page - Maxim Integrated Products MAX16807_07 Datasheet HTML 6Page - Maxim Integrated Products MAX16807_07 Datasheet HTML 7Page - Maxim Integrated Products MAX16807_07 Datasheet HTML 8Page - Maxim Integrated Products MAX16807_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Integrated 8-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (PWM CONTROLLER) (continued)
(VCC = +15V, V+ = +3V to +5.5V referenced to PGND, RT = 10kΩ, CT = 3.3nF, REF = open, COMP = open, CREF = 0.1µF, VFB = 2V,
CS = AGND, AGND = PGND = 0V; all voltages are measured with respect to AGND, unless otherwise noted. TJ = TA = -40°C to
+125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT-SENSE AMPLIFIER
Current-Sense Gain
ACS
(Notes 3, 4)
2.85
3.00
3.40
V/V
Maximum Current-Sense Signal
VCS_MAX
(Note 3)
0.275
0.300
0.325
V
Power-Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V
70
dB
Current-Sense Input Bias Current
ICS
VCOMP = 0V
-1
-2.5
µA
Current Sense to OUT Delay
tPWM
50mV overdrive
60
ns
MOSFET DRIVER
TJ = -40°C to +85°C (Note 2)
4.5
10
OUT Low-Side On-Resistance
VRDS_ONL
ISINK = 200mA
TJ = -40°C to +125°C
4.5
12
Ω
TJ = -40°C to +85°C (Note 2)
3.5
7.5
OUT High-Side On-Resistance
VRDS_ONH
ISOURCE =
100mA
TJ = -40°C to +125°C
3.5
10
Ω
Source Current (Peak)
ISOURCE
CLOAD = 10nF
2
A
Sink Current (Peak)
ISINK
CLOAD = 10nF
1
A
Rise Time
tR
CLOAD = 1nF
15
ns
Fall Time
tF
CLOAD = 1nF
22
ns
UNDERVOLTAGE LOCKOUT/STARTUP
Startup Voltage Threshold
VCC_START
7.98
8.4
8.82
V
Minimum Operating Voltage After
Turn-On
VCC_MIN
7.1
7.6
8.0
V
Undervoltage-Lockout Hysteresis
UVLOHYST
0.8
V
PULSE-WIDTH MODULATION (PWM)
Maximum Duty Cycle
DMAX
94.5
96
97.5
%
Minimum Duty Cycle
DMIN
0%
SUPPLY CURRENT
Startup Supply Current
ISTART
VCC = 7.5V
32
65
µA
Operating Supply Current
ICC
VFB = VCS = 0V
3
5
mA
VCC Zener Voltage
VZ
ICC = 25mA
24
26.5
V


Similar Part No. - MAX16807_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
More results

Similar Description - MAX16807_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16808 MAXIM-MAX16808 Datasheet
240Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16809 MAXIM-MAX16809_07 Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16809 MAXIM-MAX16809 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com