Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16048ETN+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16048ETN+
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16048ETN+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16048ETN+ Datasheet HTML 1Page - Maxim Integrated Products MAX16048ETN+ Datasheet HTML 2Page - Maxim Integrated Products MAX16048ETN+ Datasheet HTML 3Page - Maxim Integrated Products MAX16048ETN+ Datasheet HTML 4Page - Maxim Integrated Products MAX16048ETN+ Datasheet HTML 5Page - Maxim Integrated Products MAX16048ETN+ Datasheet HTML 6Page - Maxim Integrated Products MAX16048ETN+ Datasheet HTML 7Page - Maxim Integrated Products MAX16048ETN+ Datasheet HTML 8Page - Maxim Integrated Products MAX16048ETN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
_______________________________________________________________________________________
3
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3V to 14V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ....................……………………………-0.3V to +15V
EN, MON_, SCL, SDA, A0 ........................................-0.3V to +6V
GPIO_, RESET (configured as open drain) to GND.....-0.3V to +6V
EN_OUT1–EN_OUT6 (configured as open drain)
to GND.................................................................-0.3V to +12V
EN_OUT7–EN_OUT12 (configured as open drain)
to GND...................................................................-0.3V to +6V
GPIO_, EN_OUT_, RESET
(configured as push-pull) to GND .........-0.3V to (VDBP + 0.3V)
DBP, ABP to GND .........-0.3V to the lower of 3V or (VCC + 0.3V)
TCK, TMS, TDI.......................................................-0.3V to +3.6V
TDO ..........................................................-0.3V to (VDBP + 0.3V)
DACOUT_.................………………………-0.3V to (VABP + 0.3V)
EN_OUT1–EN_OUT6
(configured as charge pump) ............-0.3V to (VMON1–6 + 6V)
Continuous Current (all pins)............................................±20mA
Continuous Power Dissipation (TA = +70°C)
56-Pin TQFN (derate 47.6mW/°C above +70°C) .......3810mW*
Thermal Resistance
θJA............................……………………………………...21°C/W
θJC............................……………………………………..0.6°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET output asserted low
1.4
Operating Voltage Range
VCC
314
V
Undervoltage Lockout
VUVLO
2.85
V
Undervoltage-Lockout Hysteresis
UVLOHYS
(Note 2)
50
mV
Supply Current
ICC
VCC = 14V, VEN = 3.3V, no load on any
output
4.8
6.5
mA
DBP Regulator Voltage
VDBP
CDBP = 1µF, no load on any output
2.6
2.7
2.8
V
ABP Regulator Voltage
VABP
CABP = 1µF, no load on any DACOUT_
2.78
2.88
2.96
V
Boot Time
tBOOT
VCC > VUVLO
0.8
1.5
ms
Internal Timing Accuracy
(Note 3)
-5
+5
%
ADC
ADC Resolution
10
Bits
MON_ range set to ‘00’ in r0Fh–r11h
0.65
MON_ range set to ‘01’ in r0Fh–r11h
0.75
ADC Total Unadjusted Error
(Note 4)
ADCERR
MON_ range set to ‘10’ in r0Fh–r11h
0.95
% FSR
ADC Integral Nonlinearity
ADCINL
0.8
LSB
ADC Differential Nonlinearity
ADCDNL
0.8
LSB
ADC Total Monitoring Cycle Time
tCYCLE
MAX16046, all channels monitored,
no MON_ fault detected (Note 5)
80
100
µs
MON1–MON4
46
100
MON_ Input Impedance
RIN
MON5–MON12
65
140
k
Ω
MON_ range set to ‘00’ in r0Fh–r11h
5.6
MON_ range set to ‘01’ in r0Fh–r11h
2.8
ADC MON_ Ranges
ADCRNG
MON_ range set to ‘10’ in r0Fh–r11h
1.4
V
*
As per JEDEC 51 Standard, Multilayer Board (PCB).


Similar Part No. - MAX16048ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16048ETN++ MAXIM-MAX16048ETN+ Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
More results

Similar Description - MAX16048ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com