Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16809ATU+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16809ATU+
Description  Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16809ATU+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16809ATU+ Datasheet HTML 1Page - Maxim Integrated Products MAX16809ATU+ Datasheet HTML 2Page - Maxim Integrated Products MAX16809ATU+ Datasheet HTML 3Page - Maxim Integrated Products MAX16809ATU+ Datasheet HTML 4Page - Maxim Integrated Products MAX16809ATU+ Datasheet HTML 5Page - Maxim Integrated Products MAX16809ATU+ Datasheet HTML 6Page - Maxim Integrated Products MAX16809ATU+ Datasheet HTML 7Page - Maxim Integrated Products MAX16809ATU+ Datasheet HTML 8Page - Maxim Integrated Products MAX16809ATU+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Integrated 16-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
_______________________________________________________________________________________
5
5V TIMING CHARACTERISTICS
(V+ = +4.5V to +5.5V, AGND = PGND = 0V; all voltages are measured with respect to PGND, unless otherwise noted. TA = TJ =
-40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 5)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
INTERFACE TIMING CHARACTERISTICS
CLK Clock Period
tCP
40
ns
CLK Pulse-Width High
tCH
19
ns
CLK Pulse-Width Low
tCL
19
ns
DIN Setup Time
tDS
4ns
DIN Hold Time
tDH
8ns
DOUT Propagation Delay
tDO
10
50
ns
DOUT Rise Time
tDR
CDOUT = 10pF, 20% to 80%
10
ns
DOUT Fall Time
tDF
CDOUT = 10pF, 80% to 20%
10
ns
LE Pulse-Width High
tLW
20
ns
LE Setup Time
tLS
15
ns
LE Rising to OUT_ _ Rising Delay
tLRR
(Note 6)
110
ns
LE Rising to OUT_ _ Falling Delay
tLRF
(Note 6)
340
ns
CLK Rising to OUT_ _ Rising Delay
tCRR
(Note 6)
110
ns
CLK Rising to OUT_ _ Falling Delay
tCRF
(Note 6)
340
ns
OE Rising to OUT_ _ Rising Delay
tOER
(Note 6)
110
ns
OE Falling to OUT_ _ Falling Delay
tOEF
(Note 6)
340
ns
OUT_ _ Turn-On Fall Time
tF
80% to 20% (Note 6)
210
ns
OUT_ _ Turn-Off Rise Time
tR
20% to 80% (Note 6)
130
ns


Similar Part No. - MAX16809ATU+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809ATU++ MAXIM-MAX16809ATU+ Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
More results

Similar Description - MAX16809ATU+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809 MAXIM-MAX16809 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16808 MAXIM-MAX16808 Datasheet
240Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807 MAXIM-MAX16807_07 Datasheet
295Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com