Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N75L-TF3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 60N75L-TF3-T
Description  60Amps, 75Volts N-CHANNEL POWER MOSTFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N75L-TF3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  60N75L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 60N75L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 60N75L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 60N75L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 60N75L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 60N75L-TF3-T Datasheet HTML 6Page - Unisonic Technologies 60N75L-TF3-T Datasheet HTML 7Page - Unisonic Technologies 60N75L-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
60N75
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-112.A
TYPICAL CHARACTERISTICS
102
101
100
101
10-1
100
Drain-Source Voltage, VDS (V)
On-State Characteristics
102
101
100
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
35
7
9
VGS
Top: 15V
10V
8V
7V
6V
5.5V
5V
Bottorm: 4.5V
4.5V
Note:
1. VDS=25V
2. 20µs Pulse Test


Similar Part No. - 60N75L-TF3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
More results

Similar Description - 60N75L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75N75 UTC-75N75 Datasheet
155Kb / 8P
   75Amps, 75Volts N-CHANNEL POWER MOSTFET
75N75 UTC-75N75_09 Datasheet
208Kb / 6P
   80Amps, 75Volts N-CHANNEL POWER MOSFET
logo
Micro Commercial Compon...
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
   250mW 75Volts Dual Switching Diode
logo
Guangdong Kexin Industr...
XP151A13 KEXIN-XP151A13 Datasheet
208Kb / 3P
   N-Channel Power
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com