Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61160DRVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160DRVT
Description  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61160DRVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS61160DRVT Datasheet HTML 1Page - Texas Instruments TPS61160DRVT Datasheet HTML 2Page - Texas Instruments TPS61160DRVT Datasheet HTML 3Page - Texas Instruments TPS61160DRVT Datasheet HTML 4Page - Texas Instruments TPS61160DRVT Datasheet HTML 5Page - Texas Instruments TPS61160DRVT Datasheet HTML 6Page - Texas Instruments TPS61160DRVT Datasheet HTML 7Page - Texas Instruments TPS61160DRVT Datasheet HTML 8Page - Texas Instruments TPS61160DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
DEVICE INFORMATION
VIN
CTRL
SW
FB
COMP
GND
TOP VIEW
Thermal
Pad
6-PIN2mmx2mmx0.8mmQFN
TPS61160
TPS61161
SLVS791 – NOVEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6 V, CTRL = VIN, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EasyScale TIMING
tstart
Start time of program stream
2
µs
tEOS
End time of program stream
2
360
µs
tH_LB
High time low bit
Logic 0
2
180
µs
tL_LB
Low time low bit
Logic 0
2
× t
H_LB
360
µs
tH_HB
High time high bit
Logic 1
2
× t
L_HB
360
µs
tL_HB
Low time high bit
Logic 1
2
180
µs
VACKNL
Acknowledge output voltage low
Open drain, Rpullup =15 k
Ω to VIN
0.4
V
tvalACKN
Acknowledge valid time
See (2)
2
µs
tACKN
Duration of acknowledge condition
See (2)
512
µs
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thysteresis
Thermal shutdown threshold hysteresis
15
°C
(2)
Acknowledge condition active 0, this condition will only be applied in case the RFA bit is set. Open drain output, line needs to be pulled
high by the host with resistor load.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VIN
6
I
The input supply pin for the IC. Connect VIN to a supply voltage between 2.7V and 18V.
This is the switching node of the IC. Connect the inductor between the VIN and SW pin. This pin is also
SW
4
I
used to sense the output voltage for open LED protection
GND
3
O
Ground
FB
1
I
Feedback pin for current. Connect the sense resistor from FB to GND.
Output of the transconductance error amplifier. Connect an external capacitor to this pin to compensate the
COMP
2
O
regulator.
Control pin of the boost regulator. It is a multi-functional pin which can be used for enable control, PWM
CTRL
5
I
and digital dimming.
The thermal pad should be soldered to the analog ground plane. If possible, use thermal via to connect to
Thermal Pad
ground plane for ideal power dissipation.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS61160 TPS61161


Similar Part No. - TPS61160DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVT TI1-TPS61160DRVT Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160DRVT TI1-TPS61160DRVT Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61160DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
logo
Rohm
BD6067GU ROHM-BD6067GU_12 Datasheet
564Kb / 17P
   White LED Driver with PWM Brightness Control for up to 8 LEDs in Series
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com