Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3341EEBE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3341EEBE
Description  ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3341EEBE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3341EEBE Datasheet HTML 1Page - Maxim Integrated Products MAX3341EEBE Datasheet HTML 2Page - Maxim Integrated Products MAX3341EEBE Datasheet HTML 3Page - Maxim Integrated Products MAX3341EEBE Datasheet HTML 4Page - Maxim Integrated Products MAX3341EEBE Datasheet HTML 5Page - Maxim Integrated Products MAX3341EEBE Datasheet HTML 6Page - Maxim Integrated Products MAX3341EEBE Datasheet HTML 7Page - Maxim Integrated Products MAX3341EEBE Datasheet HTML 8Page - Maxim Integrated Products MAX3341EEBE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
±15kV ESD-Protected USB Level Translator in
UCSP with USB Detect
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4V to 5.5V bypassed with 1µF to GND, GND = 0, VL = 1.8V to 3.6V, D+ to GND = 15k
Ω, D- to GND = 15kΩ, ENUM = VL,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5V, VL = 2.5V, TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
Range
VCM
0.8
2.5
V
Driver Output Impedance
ZOUT
Including 23.7
Ω (±1%) external resistors
28.5
43.5
Internal Resistor
RPU
1.425
1.500
1.575
k
Termination Voltage
VTRM
3.0
3.3
3.6
V
VUSBLH
4.0
USB_DET Threshold
VUSBHL
3.7
V
USB_DET Hysteresis
VUSBHYS
25
mV
LINEAR REGULATOR
Power-Supply Rejection Ratio
PSRR
f = 10kHz, COUT = 1µF, D+/D- load
30
dB
External Capacitor
COUT
Compensation of linear regulator
1
µF
ESD PROTECTION (VCC, D+, D-)
Human Body Model
±15
kV
IEC1000-4-2 Air-Gap Discharge
±15
kV
IEC1000-4-2 Contact Discharge
±8
kV
TIMING CHARACTERISTICS
(VCC = 4V to 5.5V, GND = 0, VL = 1.8V to 3.6V, D+ to GND = 15k
Ω, D- to GND = 15kΩ, ENUM = VL, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at VCC = 5V, VL = 2.5V, TA = +25°C.) (Figures 2–6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OE to Transmit Delay Enable
Time
tPZD
Figure 6c
15
80
ns
OE to Driver Three-State Delay
Driver Disable Time
tPDZ
Figure 6c
25
ns
USB Detect Signal Delay
tDUSB
Figure 6b
7.5
µs
TRANSMITTER
tPLH1(drv)
MODE = high , Figure 6c
30
VPO/VMO to D+/D- Propagation
Delay
tPHL1(drv)
MODE = high, Figure 6c
30
ns
tPLH0(drv)
MODE = low, Figure 6c
35
VPO to D+/D- Propagation
Delay
tPHL0(drv)
MODE = low, Figure 6c
35
ns
Rise Time D+/D-
tR
420
ns
Fall Time D+/D-
tF
420
ns
Rise- and Fall-Time Matching
tR/tF
(Note 4)
90
110
%
Output Signal Crossover
VCRS
1.3
2
V
DIFFERENTIAL RECEIVER (Figure 6a)
tPLH(RCV)
30
D+/D- to RCV Propagation
Delay
tPHL(RCV)
30
ns
Rise Time RCV
tR
15
ns
Fall Time RCV
tF
15
ns


Similar Part No. - MAX3341EEBE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
   High Speed Quad SPST Analog Switch
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3344EEBE-T MAXIM-MAX3344EEBE-T Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3344EEUE MAXIM-MAX3344EEUE Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3345E MAXIM-MAX3345E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
More results

Similar Description - MAX3341EEBE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com