Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5342LDDVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5342LDDVRG4
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342LDDVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5342LDDVRG4 Datasheet HTML 6Page - Texas Instruments TAS5342LDDVRG4 Datasheet HTML 7Page - Texas Instruments TAS5342LDDVRG4 Datasheet HTML 8Page - Texas Instruments TAS5342LDDVRG4 Datasheet HTML 9Page - Texas Instruments TAS5342LDDVRG4 Datasheet HTML 10Page - Texas Instruments TAS5342LDDVRG4 Datasheet HTML 11Page - Texas Instruments TAS5342LDDVRG4 Datasheet HTML 12Page - Texas Instruments TAS5342LDDVRG4 Datasheet HTML 13Page - Texas Instruments TAS5342LDDVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS5342L
SLAS558 – OCTOBER 2007
AUDIO SPECIFICATIONS (PBTL) (continued)
Audio performance is recorded as a chipset consisting of a TAS5518 pwm processor (modulation index limited to 97.7%) and
a TAS5342L power stage. PCB and system configuraton are in accordance with recommended guidelines. Audio frequency =
1kHz, PVDD_x = 32.0 V, GVDD_x = 12 V, RL = 3 Ω, fS = 384 kHz, ROC = 22 kΩ, TC = 75°C, Output Filter: LDEM = 10 μH, CDEM
= 1.0 uF, unless otherwise noted.
TAS5342L
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
PO = 0 W, all half bridges
Pidle
Power dissipation due to idle losses (IPVDD_X)
3
W
switching(2)
(2)
Actual system idle losses are affected by core losses of output inductors.
PVDD_x = 32.0 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 25°C, fS = 384 kHz, unless otherwise specified.
TAS5342L
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Internal Voltage Regulator and Current Consumption
Voltage regulator, only used as a
VREG
VDD = 12 V
3
3.3
3.6
V
reference node
Operating, 50% duty cycle
7.1
17
IVDD
VDD supply current
mA
Idle, reset mode
5.6
11
50% duty cycle
5.9
12
IGVDD_X
Gate supply current per half-bridge
mA
Reset mode
1
1.8
50% duty cycle, without output filter or load
10.5
20
mA
IPVDD_X
Half-bridge idle current
Reset mode, no switching
594
713
μA
Output Stage MOSFETs
Drain-to-source resistance, Low
RDSon,LS
TJ = 25°C, excludes metallization resistance,
110
125
m
Side
Drain-to-source resistance, High
RDSon,HS
TJ = 25°C, excludes metallization resistance,
110
125
m
Side
I/O Protection
Undervoltage protection limit,
Vuvp,G
9.5
V
GVDD_X
Vuvp,hyst
(1)
Undervoltage protection limit,
250
mV
GVDD_X
BSTuvpF
Puts device into RESET when BST
6.11
V
voltage falls below limit
BSTuvpR
Brings device out of RESET when
7.25
V
BST voltage rises above limit
OTW(1)
Overtemperature warning
115
125
135
°C
Temperature drop needed below
OTWHYST
(1)
OTW temp. for OTW to be inactive
25
°C
after the OTW event
OTE(1)
Overtemperature error threshold
145
155
165
°C
OTE-
OTE - OTW differential, temperature
30
°C
OTWdifferential
(1)
delta between OTW and OTE
OLPC
Overload protection counter
fS = 384 kHz
1.25
ms
Resistor—programmable, high-end,
IOC
Overcurrent limit protection
7.9
8.4
A
ROC = 22 kΩ with 1 ms pulse, TC= 75°C
IOCT
Overcurrent response time
150
ns
tACTIVITY
Time for PWM activity detector to
Lack of transistion of any PWM input
13.2
μS
DETECTOR
activate when no PWM is present
(1)
Specified by design
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342L


Similar Part No. - TAS5342LDDVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LADDV TI-TAS5342LADDV Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LADDVR TI-TAS5342LADDVR Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5342LDDVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182 TI-TAS5182_07 Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com