Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5080 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5080
Description  Xenon Photoflash Capacitor Charge with Photo Sense Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5080 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5080 Datasheet HTML 4Page - ON Semiconductor NCP5080 Datasheet HTML 5Page - ON Semiconductor NCP5080 Datasheet HTML 6Page - ON Semiconductor NCP5080 Datasheet HTML 7Page - ON Semiconductor NCP5080 Datasheet HTML 8Page - ON Semiconductor NCP5080 Datasheet HTML 9Page - ON Semiconductor NCP5080 Datasheet HTML 10Page - ON Semiconductor NCP5080 Datasheet HTML 11Page - ON Semiconductor NCP5080 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP5080
http://onsemi.com
8
Although it is possible to increase the photo feedback
sensitivity by increasing the value of the pulldown resistor,
care must be observed since such a resistor is in parallel with
the internal network as depicted in Figure 4 and the input
node might be too sensitive to the ambient noise. It is
recommended to avoid sense resistor value above 100 k
W,
although that 1 M
W is possible, the operation being rapidly
downgraded when the resistance increases beyond this
value.
The PHREF voltage is setup by the external controller, in
the 0.5 V to 1.5 V range, depending upon the need of the
application. The internal structure includes a 500 k
W
(typical) resistor network, connected between PHREF pin
and GND : the external reference source must support such
a load and a 10 k
W output impedance, or lower, is
recommended to avoid uncontrolled operation. Finally, the
IGBT signal will be switched OFF when the PHSEN signal
reaches the PHREF reference.
The function is deactivated by forcing a voltage in the
0.5 V to 1.5 V range at the PHREF pin, associated with a
GND connection to the PHSEN pin.
EN
TRGFL
Photo transistor current
Illumination = Vreference
PHSEN
IGBT
--> IGBT switched OFF
Figure 5. Typical Photo Sense Timings
READY
Vout
VPH
Vout Ref.
When the photo sense is active and the photo sense
threshold has been crossed, the photo sense feedback is
internally latched and recycling the TRGFL signal (H to L)
is necessary to reset the latch and start a new sequence .
Simplified Flash
The circuitry can be simplified when the application does
not need the multiple flashes during the same photo
sequence. In this case, the IGBT can be removed as there is
no more need to dynamically switch off the xenon tube .
Similarly, the photo sense becomes useless since there will
be no way to control the illumination once the xenon flash
has been triggered. Such a feature must be properly
deactivated to avoid uncontrolled operation during a photo
sequence: a simple resistor network fulfill such a
requirement as depicted in Figure 6.


Similar Part No. - NCP5080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508 Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN15TBG ONSEMI-NCP508MN15TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN18TBG ONSEMI-NCP508MN18TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN25TBG ONSEMI-NCP508MN25TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN28TBG ONSEMI-NCP508MN28TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCP5080

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8437 ALLEGRO-A8437 Datasheet
635Kb / 21P
   Mobile Phone Xenon Photoflash Capacitor Charger
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
   Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8735 ALLEGRO-A8735 Datasheet
478Kb / 16P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8732 ALLEGRO-A8732 Datasheet
552Kb / 20P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8740 ALLEGRO-A8740 Datasheet
480Kb / 18P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Linear Technology
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420 Datasheet
368Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
logo
Allegro MicroSystems
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_06 Datasheet
578Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
logo
Linear Technology
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com