Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3102MNTXG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP3102MNTXG
Description  Wide Input Voltage Synchronous Buck Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3102MNTXG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP3102MNTXG Datasheet HTML 1Page - ON Semiconductor NCP3102MNTXG Datasheet HTML 2Page - ON Semiconductor NCP3102MNTXG Datasheet HTML 3Page - ON Semiconductor NCP3102MNTXG Datasheet HTML 4Page - ON Semiconductor NCP3102MNTXG Datasheet HTML 5Page - ON Semiconductor NCP3102MNTXG Datasheet HTML 6Page - ON Semiconductor NCP3102MNTXG Datasheet HTML 7Page - ON Semiconductor NCP3102MNTXG Datasheet HTML 8Page - ON Semiconductor NCP3102MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP3102
http://onsemi.com
2
Figure 3. Detailed Block Diagram
-
+
-
+
-
+
-
+
-
+
-
+
13
24
21
25
26-37
VCC
BST
TGOUT
TGIN
PWRVCC
16
17
FB
COMP
DIS
1-4
36-40
22
PWRPHS
CPHS
14,15,19,20,23
35
5-12
AGND
BG
PWRGND
R
S
Q
PWM
OUT
LATCH
OSC
OSC
RAMP
CLOCK
POR
UVLO
0.8V
0.4V
50mV-550mV
VOCTH
FAULT
VCC
FAULT
FAULT
2V
VOCTH
SET
2V
10
mA
Vref
CPHS
PIN FUNCTION DESCRIPTION
Pin No
Symbol
Description
1-4 , 36-40
PWRPHS
Power phase node. Drain of the low side power MOSFET and source of the high side
MOSFET.
5-12
PWRGND
Power ground. Source of the low side power MOSFET. Connected with large copper
area. High current return for the low side MOSFET.
13
VCC
Supply for the internal driver. Decouple with a 0.1
mF - 1 mF capacitor to AGND as close
to the IC as possible.
14,15,19,20,23
AGND
Internal driver ground. Reference ground for FB, COMP and other driver circuits.
16
FB
The input pin to the error amplifier.(inverted input error amplifier) Connect this pin to the
output resistor divider (if used) or directly to the output voltage near the load connection.
17
COMP/DIS
Compensation or disable pin. (output error amplifier) Use this pin to compensate the
voltage control feedback loop. The compensation capacitor also acts as a soft-start
capacitor. Pulling the pin below 400 mV will disable the controller.
18
NC
No connect. This pin can be connected to AGND or not connected.
21
TGOUT
Output high side MOSFET driver.
22
CPHS
The controller phase sensing.
24
BST
Supply rail for the floating top gate driver.
25
TGIN
Gate high side MOSFET
26-34
PWRVCC
Input supply pins for the high side MOSFET. (Drain)
35
BG
The current limit set pin.


Similar Part No. - NCP3102MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
More results

Similar Description - NCP3102MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
Micrel Semiconductor
MIC2176 MICREL-MIC2176 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck
logo
Linear Technology
LTC3530 LINER-LTC3530_15 Datasheet
303Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530 Datasheet
300Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
International Rectifier
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com