Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1281 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1281
Description  High-Resolution Analog-to-Digital Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1281 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1281 Datasheet HTML 3Page - Texas Instruments ADS1281 Datasheet HTML 4Page - Texas Instruments ADS1281 Datasheet HTML 5Page - Texas Instruments ADS1281 Datasheet HTML 6Page - Texas Instruments ADS1281 Datasheet HTML 7Page - Texas Instruments ADS1281 Datasheet HTML 8Page - Texas Instruments ADS1281 Datasheet HTML 9Page - Texas Instruments ADS1281 Datasheet HTML 10Page - Texas Instruments ADS1281 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
V
=
0.5dBFS,31.25Hz
THD=
121.8dB
IN
-
-
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
V
=
20dBFS,31.25Hz
THD=
120.1dB
IN
-
-
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
ShortedInput
SNR=124.1dB
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
V
=20mV
SNR=124.3dB
IN
DC
10
20
InputFrequency(Hz)
-100
-105
-110
-115
-120
-130
30
40
100
60
80
50
70
90
-125
THDLimitedby
SignalGenerator
V
=
0.5dBFS
-
IN
SNR(dB)
14
12
10
8
0
6
4
2
25Units
ShortedInput
ADS1281
SBAS378A – SEPTEMBER 2007 – REVISED NOVEMBER 2007
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V, VREFN = –2.5V, DVDD = +3.3V, and
fDATA = 1000SPS, unless otherwise noted.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 1.
Figure 2.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 3.
Figure 4.
THD vs INPUT FREQUENCY
SNR HISTOGRAM
Figure 5.
Figure 6.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1281


Similar Part No. - ADS1281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1281 TI1-ADS1281 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
ADS1281 TI1-ADS1281 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPW TI1-ADS1281IPW Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWG4 TI1-ADS1281IPWG4 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWR TI1-ADS1281IPWR Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Similar Description - ADS1281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com