Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5037B1 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # CF5037B1
Description  2.5V LVDS Output Oscillator ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5037B1 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button CF5037B1 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5037B1 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5037B1 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5037B1 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5037B1 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5037B1 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5037B1 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5037B1 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5037B1 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CF5037 series
SEIKO NPC CORPORATION —9
MEASUREMENT CIRCUITS
Measurement Circuit 1
Measurement Circuit 2
Measurement Circuit 3
500mVp-p, sine wave
C1: 0.01µF
R1: 49.9
Note. Connect 0.01µF and approximately 10µF bypass capacitors between supply (VCC, VCC2) and
GND. Note that the 0.01µF capacitor should have circuit wiring as short as possible.
R1: 49.9
Note 1. Connect 0.01µF and approximately 10µF bypass capacitors between supply (VCC, VCC2) and
GND. Note that the 0.01µF capacitor should have circuit wiring as short as possible.
Note 2. The recommended differential probe used for measurement should have 5GHz analog
bandwidth,
≥ 50kΩ impedance, and < 1pF capacitive load.
Note 3. If common-mode noise becomes a problem, a DC decoupling capacitor (approximately 1000pF)
and terminating resistor matching the common-mode signal should be connected to the output
center tap.
Signal
Generator
VCC
R1
C1
XOUT
OE
VCC2
OUT
GND,TEST
OUTN
VIH,VIL
R1
R1
A IEE1, IEE2
A
VOD,
∆VOD
VOH,VOL
VOS,
∆VOS
IIL1, IIL2
VCC
VCC2
OUT
GND
OUTN
IZ
XIN
OE
A
RPD1=VCC/IPD1
IPD1
A
A
IZ
VCC
XOUT
VCC2
OUT
GND
OUTN
R1
R1
XIN
OE
Duty,VOpp,tr,tf
Test point
Test point


Similar Part No. - CF5037B1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AA NPC-CF5034AA Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AA-1 NPC-CF5034AA-1 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AB NPC-CF5034AB Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AB-1 NPC-CF5034AB-1 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
More results

Similar Description - CF5037B1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5037 NPC-5037 Datasheet
113Kb / 11P
   2.5V LVDS Output Oscillator ICs
5087 NPC-5087 Datasheet
511Kb / 15P
   LVDS Output Oscillator ICs
CF5036 NPC-CF5036 Datasheet
95Kb / 10P
   2.5V LVPECL Output Oscillator ICs
5036 NPC-5036 Datasheet
113Kb / 11P
   2.5V LV-PECL Output Oscillator ICs
logo
Golledge Electronics Lt...
MCSO2LW GOLLEDGE-MCSO2LW Datasheet
556Kb / 4P
   2.5V Low Jitter Oscillator with LVDS Output
GXO-L72 GOLLEDGE-GXO-L72_16 Datasheet
197Kb / 2P
   2.5V & 3.3V LVDS Oscillator
logo
EUROQUARTZ limited
EQXP-LC72 EUROQUARTZ-EQXP-LC72 Datasheet
164Kb / 1P
   LVDS 7x5mm 2.5V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-L31 GOLLEDGE-GXO-L31 Datasheet
147Kb / 2P
   2.5V & 3.3V LVDS Oscillator
logo
Fox Electronics
F4710 FOX-F4710 Datasheet
207Kb / 1P
   LVDS 7x5mm 2.5V Oscillator
logo
Golledge Electronics Lt...
GXOL72 GOLLEDGE-GXOL72 Datasheet
97Kb / 2P
   2.5V & 3.3V LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com