Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5036E2 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # CF5036E2
Description  2.5V LVPECL Output Oscillator ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5036E2 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button CF5036E2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5036E2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5036E2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5036E2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5036E2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5036E2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5036E2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5036E2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5036E2 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CF5036 series
SEIKO NPC CORPORATION —9
MEASUREMENT CIRCUITS
Measurement Circuit 1
Measurement Circuit 2
Measurement Circuit 3
Measurement Circuit 4
500mVp-p, sine wave
C1: 0.01µF
R1: 49.9
Note. Connect 0.01µF and approximately 10µF bypass capacitors
between supply (VCC, VCC2) and GND. Note that the 0.01µF
capacitor should have circuit wiring as short as possible.
R1: 49.9
XIN = HIGH: OUT = HIGH
XIN = LOW : OUT = LOW
Signal
Generator
VCC
R1
C1
XOUT
OE
VCC2
OUT
GND,TEST
OUTN
VIH,VIL
R1
R1
A IEE1, IEE2
Test point
Test point
VT
A
2V
IIL1, IIL2
VCC
XIN
VCC2
OUT
GND,TEST
OUTN
R1
R1
VT
2V
VOH,VOL
R1: 49.9
Note. Connect 0.01µF and approximately 10µF bypass capacitors
between supply (VCC, VCC2) and GND. Note that the 0.01µF
capacitor should have circuit wiring as short as possible.
VCC
VCC2
OUT
GND
OUTN
IZ
XIN
OE
A
RPD1=VCC/IPD1
IPD1
A
A
IZ
VCC
XOUT
VCC2
OUT
GND
OUTN
R1
R1
VT
2V
XIN
OE
Duty1,Duty2,VOpp,tr,tf


Similar Part No. - CF5036E2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AA NPC-CF5034AA Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AA-1 NPC-CF5034AA-1 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AB NPC-CF5034AB Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
CF5034AB-1 NPC-CF5034AB-1 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
More results

Similar Description - CF5036E2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5037 NPC-5037 Datasheet
113Kb / 11P
   2.5V LVDS Output Oscillator ICs
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
   2.5V LVDS Output Oscillator ICs
5036 NPC-5036 Datasheet
113Kb / 11P
   2.5V LV-PECL Output Oscillator ICs
logo
EUROQUARTZ limited
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
   LVPECL 7x5mm 2.5V OSCILLATOR
EQXP-PC52 EUROQUARTZ-EQXP-PC52 Datasheet
165Kb / 1P
   LVPECL 5x3.2mm 2.5V OSCILLATOR
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Fox Electronics
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
logo
Integrated Device Techn...
8SLVP2102 IDT-8SLVP2102 Datasheet
628Kb / 23P
   2.5V LVPECL Output Fanout Buffer
logo
Nippon Precision Circui...
5087 NPC-5087 Datasheet
511Kb / 15P
   LVDS Output Oscillator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com