Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1125 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM1125
Description  Multimelody IC for Pagers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1125 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM1125_06 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1125_06 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SM1125 series
SEIKO NPC CORPORATION —3
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
VSS = 0V
DC Characteristics
Unless otherwise noted Ta =
−20 to 70°C, VSS = 0V, VDD = 1.5 to 3.6V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD − VSS
− 0.3 to 5.0
V
Input voltage range
VIN
VSS − 0.2 to VDD + 0.2
V
Power dissipation
PD
100
mW
Storage temperature range
Tstg
− 40 to 125
°C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VDD
2.0 to 3.6
V
Operating temperature
Topr
−20 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage (1)
VDD1
External clock input option
1.5
3.0
3.6
V
Supply voltage (2)
VDD2
Built-in RC oscillator option
2.0
3.0
3.6
V
Current consumption (1)
IDD1
Non-playback mode, Ta = 25
°C
0.5
µA
Current consumption (2)
IDD2
External clock input option: Playback mode,
MTO pin open
25
200
µA
Current consumption (3)
IDD3
Built-in RC oscillator option: Playback mode,
MTO pin open
215
600
µA
Input voltage
VIH
ST, SI, SC and OSC (External clock input
option) pins
VDD − 0.2
VDD
V
VIL
VSS
–VSS + 0.2
V
Input current (1)
IIH1
ST, SI, SC and OSC (External clock input
option) pins, VIH = VDD, Ta = 25°C
0.5
µA
IIL1
ST, SI, SC and OSC (External clock input
option) pins, VIL = 0 V, Ta = 25°C
0.5
µA
Input current (2)
IIH2
TEST pin, VIH = VDD
200
µA
Open voltage
VOPN
TEST pin
0.1
V
Output voltage
VOH
MTO pin, IOH = 1mA
VDD − 0.4
VDD
V
VOL
MTO pin, IOL = 1mA
VSS
–VSS + 0.4
V
Oscillator frequency
fOSC
Built-in RC oscillator option: NPC test board
measurement, RO = 91kΩ, CO = 200pF
VDD = 2.0 to 3.6V
34.5
38.4
42.5
kHz
Frequency stability
∆f/f
Built-in RC oscillator option
0.1
%/0.1V
Oscillator start voltage
VDOB
Built-in RC oscillator option
1.6
V
Oscillator stop voltage
VDOS
Built-in RC oscillator option
1.6
V


Similar Part No. - SM1125_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1125ABV NPC-SM1125ABV Datasheet
93Kb / 9P
   Multimelody IC for Pagers
More results

Similar Description - SM1125_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
SM1125ABV NPC-SM1125ABV Datasheet
93Kb / 9P
   Multimelody IC for Pagers
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
logo
Rohm
BH6111FV ROHM-BH6111FV Datasheet
148Kb / 9P
   Power unit IC for pagers
logo
New Japan Radio
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
   POCSAG Decoder For Pagers
logo
CML Microcircuits
FX013 CMLMICRO-FX013 Datasheet
229Kb / 6P
   HSC Tone Decoder for pagers
logo
Nippon Precision Circui...
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
   POCSAG Decoder For Multiframe Pagers
logo
Rohm
BH6113FV ROHM-BH6113FV Datasheet
207Kb / 11P
   Power unit ICs for pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com