Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5306AV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5306AV
Description  Low Voltage, 3-channel Video Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5306AV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5306AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM5306A
SEIKO NPC CORPORATION —4
SPECIFICATIONS
Absolute Maximum Ratings
VCC1
= VCC2 = VCC3 = VCC, GND = 0V, unless otherwise noted
Recommended Operating Conditions
DC Characteristics (GSEL)
VCC = 3.0 to 5.5V, Ta = 0 to 70°C, unless otherwise noted
Analog Characteristics
VCC = 3.3V, Ta = 25°C, RL = 150Ω, fin = 100kHz, VIN= 1.0Vp-p, unless otherwise noted
See “Measurement Circuit Diagram”
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VCC
− 0.3 to 7.0
V
Input voltage range
VIN
GSEL pin
GND – 0.3 to VCC + 0.3
V
Storage temperature range
TSTG
− 55 to + 125
°C
Power dissipation
PD
250
mW
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
3.0 to 5.5
V
Operating ambient temperature
range
Ta
0 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level input voltage
VIH
VCC – 0.5
V
LOW-level input voltage
VIL
0.5
V
Input leakage current
ILL
VIN = 0V
1
µA
ILH
VIN = VCC
––1
µA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption 1
ICC1
Gain = 6dB, no signal input
24
30
mA
Current consumption 2
ICC2
VCC = 5.5V, Gain = 6dB,
no signal input
–26
35
mA
Output gain 1
AV1
Gain = 0dB
– 0.5
0
0.5
dB
Output gain 2
AV2
Gain = 6dB
5.5
6.0
6.5
dB
Channel gain error
dAV
Gain = 0dB, 6dB
± 0.3
dB
Channel crosstalk
CT
Gain = 6dB, ratio with VOUT = 2Vp-p
– 65
dB
Maximum passband frequency 1
FPB1
–1dB, gain
= 0dB
20
49
MHz
Maximum passband frequency 2
FPB2
–1dB, gain
= 6dB
20
23
MHz
Input voltage
VAIN1
AC-coupled input, Gain
= 0dB, 6dB
1.0
Vp-p
Maximum output voltage 1
VOUT1
Gain
= 0dB, THD = 1%
1.0
Vp-p
Maximum output voltage 2
VOUT2
Gain
= 6dB, THD = 1%
2.0
Vp-p
Input clamp voltage
VCLMP
No signal input
1.15
1.35
1.55
V
Output distortion ratio
THD
Gain = 6dB
1
%


Similar Part No. - SM5306AV

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
More results

Similar Description - SM5306AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5307C NPC-SM5307C Datasheet
188Kb / 12P
   3-channel Video Buffer
SM5307A NPC-SM5307A Datasheet
207Kb / 13P
   3-channel Video Buffer
logo
3PEAK INC.
TPF153 3PEAK-TPF153 Datasheet
964Kb / 10P
   Low Power, 3-channel 6dB gain Video buffer for HD-Video
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
154Kb / 12P
   Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Rev 0; 10/08
logo
3PEAK INC.
TPF113 3PEAK-TPF113 Datasheet
664Kb / 10P
   Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
logo
Nippon Precision Circui...
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
logo
3PEAK INC.
TPF133A 3PEAK-TPF133A Datasheet
328Kb / 10P
   Low Power, 3-channel Video Filter for HD Video
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com