Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5849BF Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5849BF
Description  Asynchronous Sample Rate Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849BF Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5849BF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5849BF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5849BF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5849BF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5849BF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5849BF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5849BF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5849BF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5849BF Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SM5849BF
SEIKO NPC CORPORATION —6
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
DC Electrical Characteristics
VDD = 3.0 to 3.6V, VSS = 0V, Ta = −40 to 85°C
Parameter
Symbol
Rating1
1. Ratings also apply at supply switch ON and OFF.
Unit
Supply voltage range
VDD
−0.3 to 4.0
V
Input voltage range
VIN
VSS − 0.3 to VDD + 0.3
V
Storage temperature range
Tstg
−55 to 125
°C
Power dissipation
PD
400
mW
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
3.0 to 3.6
V
Operating temperature range
Topr
−40 to 85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
No output load
70
100
mA
HIGH-level input voltage1
1. Pins ICLK and OCLK.
VIH1
2.0
V
LOW-level input voltage1
VIL1
0.8
V
HIGH-level input voltage2
2. Pins DI, BCKI, LRCI, ICKSL, IFM1, IFM2, IWL1, IWL2, DMUTE, MCOM, MDT/FSI1, MCK/FSI2, MLEN/DEEM, OWL1, OWL2, IISN, DITHN, TST2N,
RSTN, THRUN, SLAVE, OCKSL.
VIH2
2.0
V
LOW-level input voltage2
VIL2
0.8
V
HIGH-level output voltage3
3. Pins STATE, LRCO, BCKO, DOUT.
VOH
IOH = −1.0mA
VDD–0.4
V
LOW-level output voltage3
VOL
IOL = 1.0mA
0.4
V
HIGH-level input current2
IIH
VIN = VDD
1.0
µA
LOW-level input current2
IIL
VIN = 0V
90
µA
Input leakage current1
ILH
VIN = VDD
1.0
µA
ILL
VIN = 0V
1.0
µA


Similar Part No. - SM5849BF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849 NPC-SM5849 Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
SM5849AF NPC-SM5849AF Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
More results

Similar Description - SM5849BF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com