Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5021BCH Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5021BCH
Description  Crystal Oscillator Module ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021BCH Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5021BCH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5021BCH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5021BCH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5021BCH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021BCH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021BCH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021BCH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021BCH Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021BCH Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SM5021 series
SEIKO NPC CORPORATION —4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V, f ≤ 70MHz, CL ≤ 15pF
Note: Recommended operating conditions will change in accordance with operating frequency, load capacitance, or power dissipation.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
− 0.5 to + 7.0
V
Input voltage range
VIN
− 0.5 to VDD + 0.5
V
Output voltage range
VOUT
− 0.5 to VDD + 0.5
V
Operating temperature range
Topr
− 40 to + 85
°C
Storage temperature range
Tstg
Chip form
− 65 to + 150
°C
SOT23-6
− 55 to + 125
Output current
IOUT
13
mA
Power dissipation
PD
SOT23-6
250
mW
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
2.7
5.5
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
− 20
+ 80
°C


Similar Part No. - SM5021BCH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5021BCH NPC-SM5021BCH Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5021BCH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com