Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5956AF Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5956AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —3
BLOCK DIAGRAM
PIN DESCRIPTION
No.
Name
I/O1
Function
HIGH
LOW
1
VDD
VDD supply (3.3V)
−−
2
LRCI
Is
Sample rate clock input (fsi)
−−
3
BCKI
Is
Bit clock input (32fsi to 64fsi)
−−
4
DIA
Is
Data input A
−−
5
DIB
Is
Data input B
−−
6
DIC
Is
Data input C
−−
7
IWL0
I
Input word length select 0
See “Input Interface Settings”
8
IWL1
I
Input word length select 1
9
IMOD0
I
Input format select 0
10
IMOD1
I
Input format select 1
11
TEST4
Id
Test input
Test
Normal
12
VSS
Ground (0V)
−−
13
VDD
VDD supply (3.3V)
−−
LRCO
BCKO
DOA, DOB, DOC
SCK
LRCI
BCKI
SCKSLN
Input data interface
DIA, DIB, DIC
Conversion rate detector
Output timing
operation
IMOD0
IMOD1
IWL0
DEEMN
FS0
FS1
Output data interface
Through, mute, and
slave mode control
DITO
OEDITON
THROUN
SLAVEN
DMUTEN
MCK
MDT
MLE
Digital audio interface
IWL1
MCU interface
Arithmetic
operation block
Deemphasis
filter operation
Interpolation
filter operation
Output operation
Sequencer block
Output data
operation
Interpolation
operation
RSTN
SELFN
ERROR
OMOD0
OMOD1
OWL0
OWL1


Similar Part No. - SM5956AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
More results

Similar Description - SM5956AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com