Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6801AB Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM6801AB
Description  Class-D Mono Amplifier for Portable Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6801AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —8
Measurement Circuit
Note. *C2, C3: not inserted
*R1, R2, R3, R4: not inserted
*R5, R6: series resistors for dielectric speaker
*SW1: HIGH = Normal, LOW = Test
*SW2: LOW = DRC on, HIGH = DRC off
*SW3: LOW = Mute on, HIGH = Mute off
*SW4: LOW = Power off, HIGH = Power on
DRCN
VDD1
VREF1
IN
OUTP
VSS2
OUTN
VDD3
H
L
SW1*
C4
L
SW4*
H
POWER VDD
SPOUT POS
POWER VSS (0V)
SPOUT NEG
R5*
C6
1
µ
C7
1
µ
R6*
L
L
SW3*
H
H
SW2*
PDWN
VDD2
MUTEN
DRCN
C5
1
µ
C1
1
µ
VDD1
IN
EQP
SIGNAL INPUT
SIGNAL VSS (0V)
ANALOG VSS (0V)
EQN
150p
VSS1
TESTN


Similar Part No. - SM6801AB

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
More results

Similar Description - SM6801AB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6802A NPC-SM6802A Datasheet
213Kb / 15P
   Class-D Stereo Amplifier for Portable Device
logo
NXP Semiconductors
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
logo
Nippon Precision Circui...
SM6800A NPC-SM6800A Datasheet
169Kb / 12P
   Class-D Mono Amplifier for Mobile Telephones
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
   Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com