Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8224C Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8224C
Description  Dual-Tone Receiver IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8224C Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8224C Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8224C Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8224C Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8224C Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8224C Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8224C Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8224C Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8224C Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8224C Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SM8224C
SEIKO NPC CORPORATION —5
SPECIFICATIONS
Absolute Maximum Ratings
GND = 0V
Recommended Operating Conditions
GND = 0V
Electrical Characteristics
VDD = 2.7 to 5.5V, GND = 0V, fCLK = 3.579545MHz, Ta = −20 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to 7.0
V
Input voltage range
VIN
−0.3 to VDD + 0.3
V
Power dissipation
PD
100
mW
Storage temperature range
Tstg
−55 to 155
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
2.7
5.5
V
Clock frequency
fCLK
3.579545
MHz
Clock frequency accuracy
∆fC
−0.1
+0.1
%
Operating temperature
Topr
−20
85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply current consumption
IDD
No analog signal input, no output
load, S1 = 0V, S0 = VDD, MODE = 0V
8.0
mA
Power-down current
IDPD
No analog signal input, other inputs =
VDD or 0V, no output load, S1 = 0V,
S0 = 0V, MODE = VDD
15
µA
MODE, S0, S1 LOW-level input
voltage
VIL1
0.3VDD
V
MODE, S0, S1 HIGH-level input
voltage
VIH1
0.7VDD
––
V
OSCIN LOW-level input voltage
VIL2
0.3VDD
V
OSCIN HIGH-level input voltage
VIH2
0.7VDD
––
V
DOUT, STR, DTDET, CR, CDET
LOW-level output current
IOL
2––
mA
DOUT, STR, DTDET, CR, CDET
HIGH-level output current
IOH
––
−0.8
mA
TIP, RING, DT1, DT2, MODE, S1, S0
input leakage current
IIN
−1–
1µA


Similar Part No. - SM8224C

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8224 NPC-SM8224 Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224BM NPC-SM8224BM Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224BS NPC-SM8224BS Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
More results

Similar Description - SM8224C

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
logo
Motorola, Inc
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
   DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
Toshiba Semiconductor
TA8184P TOSHIBA-TA8184P Datasheet
655Kb / 15P
   DUAL CHANNEL VOLTAGE/TONE CONTROL IC
logo
Motorola, Inc
MC145436A MOTOROLA-MC145436A Datasheet
144Kb / 8P
   LOW-POWER DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
List of Unclassifed Man...
TDA4290-2 ETC-TDA4290-2 Datasheet
231Kb / 8P
   TONE CONTROL IC
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
   PLL tone decoder IC
logo
List of Unclassifed Man...
AX31002 ETC-AX31002 Datasheet
169Kb / 5P
   Bipolar Tone Ringer IC
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Micro Analog systems
MAS9081 MAS-MAS9081 Datasheet
190Kb / 12P
   Dual Band Receiver IC High Sensitivity
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com