Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM9501BV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM9501BV
Description  Radio Controlled Clock Receiver IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9501BV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM9501BV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM9501B
SEIKO NPC CORPORATION —1
Radio Controlled Clock Receiver IC
OVERVIEW
The SM9501B is a BiCMOS RCC*1 receiver IC. It accepts low frequency standard wave input received from
an external antenna, amplifies it, detects the data signal, and outputs a digital time code signal.
*1: Radio controlled clock
FEATURES
I
Operating supply voltage range: 4.5 to 5.5V
I
Operating current consumption: 55
µA (typ) @5V
I
Standby current consumption: 0.1
µA (max) @5V
I
High sensitivity: 0.5
µVrms input
I
Wide frequency range (35kHz to 80kHz)
I
Include analog switch for antennatuning capaci-
tors change
I
AGC gain hold function
I
External crystal filter connection
I
BiCMOS process
I
Package:16-pin VSOP
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM9501BV
16-pin VSOP
VDDA
1
IN1
IN3
IN2
16
VDD
PON
OUT
VSS
FCN
XO
VSSA
XI
8
HLDN
CP
CB
9
LF
0.275TYP
5.1 ± 0.2
0.65
0.12
0.10
M
0.22
− 0.05
+ 0.1
0.15 − 0.05
+ 0.1
0 to 10 °


Similar Part No. - SM9501BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM9501BV NPC-SM9501BV Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
More results

Similar Description - SM9501BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM9501A NPC-SM9501A Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9503A NPC-SM9503A Datasheet
120Kb / 9P
   Radio Controlled Clock Receiver IC
logo
Gunter Seniconductor Gm...
AK2124 GSG-AK2124 Datasheet
110Kb / 6P
   Radio Controlled Clock Receiver
AK2125 GSG-AK2125 Datasheet
109Kb / 6P
   Radio Controlled Clock Receiver
AK2127 GSG-AK2127 Datasheet
104Kb / 6P
   Radio Controlled Clock Receiver
logo
TEMIC Semiconductors
U4221B TEMIC-U4221B Datasheet
169Kb / 12P
   Radio Controlled Clock Receiver
U4222B TEMIC-U4222B Datasheet
95Kb / 9P
   Radio Controlled Clock Receiver
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
   RADIO CONTROLLED RECEIVER IC
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com