Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5073D6S Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5073D6S
Description  VCXO ICs with Built-in Varicap
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5073D6S Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5073D6S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5073D6S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5073D6S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5073D6S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5073D6S Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5073D6S Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5073D6S Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5073D6S Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5073D6S Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SM5073 series
SEIKO NPC CORPORATION —11
SWITCHING CHARACTERISTICS
VDD = 3.0 to 3.6V, VC = 1.65V, VSS = 0V, Ta = –40 to +85°C, unless otherwise noted
Current consumption and Output waveform with NPC’s standard crystal
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the Q output pin becomes high impedance.
Parameter
Symbol
Conditions
Rating1
1. The switching characteristics apply for normal output waveforms. Note that, depending on the matching of the SM5073 series version and crystal,
normal waveform output may not be continuous.
Unit
Min
Typ
Max
Output rise time
tr1
Measurement circuit 2, load circuit 1,
0.1VDD → 0.9VDD, CL = 15pF
2.5
6
ns
Output fall time
tf1
Measurement circuit 2, load circuit 1,
0.9VDD → 0.1VDD, CL = 15pF
2.5
6
ns
Output duty cycle
Duty
Measurement circuit 2, load circuit 1,
VDD = 3.3V, Ta = 25°C, CL = 15pF
40
50
60
%
Output disable delay time
tPLZ
Measurement circuit 5, load circuit 1,
VDD = 3.3V, Ta = 25°C, CL ≤ 15pF
100
ns
Output enable delay time
tPZL
100
ns
INHN
Q
Oscillator
HIGH (or open)
Any fO, fO/2, fO/4, fO/8, fO/16, or fO/32
Operating
LOW
High impedance
Operating
f [MHz]
R1 [
Ω]
L1 [mH]
C1 [fF]
C0 [pF]
30
7.06
2.25
12.5
3.11
L1
C1
R1
C0


Similar Part No. - SM5073D6S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM50 SEMTECH-SM50 Datasheet
151Kb / 3P
   RECTIFIER UP YO 10kV, 300mA, 2.5us
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
More results

Similar Description - SM5073D6S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
logo
Rohm
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com