Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5010BH1S Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5010BH1S
Description  Crystal Oscillator Module ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010BH1S Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5010BH1S Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5010BH1S Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5010BH1S Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5010BH1S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010BH1S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010BH1S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010BH1S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010BH1S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010BH1S Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —4
BLOCK DIAGRAM
For Fundamental Oscillator
I
5010A
××, B××, CL×, DN×, EA× series
For 3rd Overtone Oscillator
I
5010F
××, H×× series
XT
VSS
VDD
Q
CG
CD
Rf
XTN
INHN
1/2
1/2
1/2
RD
1/2
XT
VSS
VDD
Q
CG
CD
Rf
XTN
INHN


Similar Part No. - SM5010BH1S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5010BH1S NPC-SM5010BH1S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5010BH1S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com