Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRF-AT4520 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HRF-AT4520
Description  31.0 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-AT4520 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HRF-AT4520 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-AT4520 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-AT4520 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-AT4520 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HRF-AT4520 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HRF-AT4520 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HRF-AT4520 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HRF-AT4520
Preliminary
________________________________________________________________________________________________________
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2002 4520W
Published June 2002
Page 5
Plymouth, Minnesota 55441-4799
1-800-323-8295
Performance Curves
Insertion Loss
Return Loss
Attenuation State Accuracy
This Insertion Loss curve represents the
Min/Max conditions for the “0” pass
state versus all processing and
temperature conditions. The Min case
is at –40C with the “Fast” processing
conditions. The Max case is at +85C
with the “Slow” processing conditions.
All other combinations fall within that
band. The typical 25C case is labeled
+25C TT.
This
Return
Loss
set
of
curves
represents the combination of all Return
Loss cases for all attenuation settings.
All cases are better than –14dB Return
Loss at 4GHz.
The Attenuation Accuracy curve with
vertical axis of +/- 1dB shows all states
better than +/- 0.5dB to 2GHz and better
than +/- 0.8dB to 4GHz.


Similar Part No. - HRF-AT4520

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4521 HONEYWELL-HRF-AT4521 Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-B HONEYWELL-HRF-AT4521-B Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-E HONEYWELL-HRF-AT4521-E Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-FL-TR HONEYWELL-HRF-AT4521-FL-TR Datasheet
150Kb / 7P
   31.0 dB, DC - 2.5GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-TR HONEYWELL-HRF-AT4521-TR Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
More results

Similar Description - HRF-AT4520

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4521 HONEYWELL-HRF-AT4521 Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4510 HONEYWELL-HRF-AT4510 Datasheet
725Kb / 7P
   15.5 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4521-FL-TR HONEYWELL-HRF-AT4521-FL-TR Datasheet
150Kb / 7P
   31.0 dB, DC - 2.5GHz, 5 Bit Serial Digital Attenuator
HRF-AT4511 HONEYWELL-HRF-AT4511 Datasheet
546Kb / 8P
   15.5 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
logo
Tyco Electronics
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0007 MA-COM-MAATCC0007 Datasheet
140Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com