Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33927EK Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCZ33927EK
Description  Three-Phase Field Effect Transistor Pre-Driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33927EK Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33927EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33927
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VBAT Supply Voltage
Normal Operation (Steady-State)
Transient Survival(1)
VBAT
58
-1.5 to 80
V
VPWR Supply Voltage
Normal Operation (Steady-State)
Transient Survival(1)
VPWR
58
-1.5 to 80
V
Charge Pump (PUMP, VPUMP)
VPUMP
-0.3 to 40
V
VLS Regulator Outputs (VLS, VLS_CAP)
VLS
-0.3 to 18
V
Logic Supply Voltage
VDD
-0.3 to 7.0
V
Logic Output (INT, SO, PHASEA, PHASEB, PHASEC, OC_OUT)(2)
VOUT
-0.3 to 7.0
V
Logic Input Pin Voltage (EN1, EN2, Px_HS, Px_LS, SI, SCLK, CS, RST) 10mA
VIN
-0.3 to 7.0
V
Amplifier Input Voltage
(Both Inputs-GND), (AMP_P - GND) or (AMP_N - GND) 6mA source or sink
VIN_A
-7.0 to 10.0
V
Over-current comparator threshold 10mA
VOC
-0.3 to 7.0
V
Driver Output Voltage(3)
High-Side bootstrap (PA_BOOT, PB_BOOT, PC_BOOT)
High-Side (PA_HS_G, PB_HS_G, PC_HS_G)
Low-Side (PA_LS_G, PB_LS_G, PC_LS_G)
VBOOT
VHS_G
VLS_G
75
75
16
V
Driver Voltage Transient Survival
High-Side (PA_HS_G, PB_HS_G, PC_HS_G, PA_HS_S, PB_HS_S,
PC_HS_S)
Low-Side (PA_LS_G, PB_LS_G, PC_LS_G, PGNDA, PGNDB, PGNDC)
VHS_G
VHS_S
VLS_G
VPGND
-7.0
-7.0
-7.0
-7.0
V
Continuous Output Current
IGATE
-0.1 to 0.1
A
ESD Voltage(4)
Human Body Model - HBM (All pins except for the pins listed below)
Pins: PA_Boot, PA_HS_S, PA_HS_G, PB_Boot, PB_HS_S,
PB_HS_G, PC_Boot, PC_HS_S, PC_HS_G, VPWR
Charge Device Model - CDM
VESD
±2000
±1000
±750
V
Notes
1.
The device will withstand load dump transient as defined by ISO7637 with peak voltage of 80V.
2.
Short-circuit proof, the device will not be damaged or induce unexpected behavior due to shorts to external sources within this range.
3.
This voltage should not be applied without also taking voltage at HS_S and voltage at PGND_x into account.
4.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100pF, RZAP = 1500Ω) and the Charge Device
Model (CDM), Robotic (CZAP = 4.0pF).


Similar Part No. - MCZ33927EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33927EK/R2 FREESCALE-MCZ33927EK/R2 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
More results

Similar Description - MCZ33927EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com