Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5010FNES Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5010FNES
Description  Crystal Oscillator Module ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FNES Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5010FNES Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010FNES Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010FNES Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010FNES Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010FNES Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010FNES Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010FNES Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010FNES Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010FNES Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —9
5010AH
×, BH× series
3V operation: VDD = 2.7 to 3.6V, VSS = 0V, Ta = −10 to +70°C unless otherwise noted.
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 2mA
2.1
2.4
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V, IOL = 2mA
0.3
0.5
V
HIGH-level input voltage
VIH
INHN
2.0
V
LOW-level input voltage
VIL
INHN
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 3.6V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 16MHz
5010
×H1
–36
mA
5010
×H2
–24
5010
×H3
1.5
3
5010
×H4
1.5
2.5
INHN pull-up resistance
RUP2
Measurement cct 4
40
100
250
k
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Oscillator amplifier output
resistance
RD
Design value
5010B
××
690
820
940
Built-in capacitance
CG
Design value. A monitor pattern on a
wafer is tested.
5010A
××
26
29
32
pF
5010B
××
20
22
24
CD
5010A
××
26
29
32
5010B
××
20
22
24
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 4mA
3.9
4.2
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 4mA
0.3
0.5
V
HIGH-level input voltage
VIH
INHN
2.0
V
LOW-level input voltage
VIL
INHN
0.8
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 5.5V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 30MHz
5010
×H1
9
18
mA
5010
×H2
6
12
5010
×H3
5
10
5010
×H4
–48
INHN pull-up resistance
RUP2
Measurement cct 4
40
100
250
k
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Oscillator amplifier output
resistance
RD
Design value
5010B
××
690
820
940
Built-in capacitance
CG
Design value. A monitor pattern on a
wafer is tested.
5010A
××
26
29
32
pF
5010B
××
20
22
24
CD
5010A
××
26
29
32
5010B
××
20
22
24


Similar Part No. - SM5010FNES

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5010 NPC-SM5010 Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
SM5010AH2S NPC-SM5010AH2S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
SM5010AH3S NPC-SM5010AH3S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
SM5010AH4S NPC-SM5010AH4S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5010FNES

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com