Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N06 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 60N06
Description  60 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N06 Datasheet(HTML) 8 Page - Unisonic Technologies

  60N06 Datasheet HTML 1Page - Unisonic Technologies 60N06 Datasheet HTML 2Page - Unisonic Technologies 60N06 Datasheet HTML 3Page - Unisonic Technologies 60N06 Datasheet HTML 4Page - Unisonic Technologies 60N06 Datasheet HTML 5Page - Unisonic Technologies 60N06 Datasheet HTML 6Page - Unisonic Technologies 60N06 Datasheet HTML 7Page - Unisonic Technologies 60N06 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-121.A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 60N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
316Kb / 8P
   60A, 60V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
60N06 ISC-60N06 Datasheet
284Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
60N06 VBSEMI-60N06 Datasheet
983Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
60N06-14 ISC-60N06-14 Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
60N06-18 ISC-60N06-18 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 60N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
70N06 UTC-70N06 Datasheet
158Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com