Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV16210VRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74CBTLV16210VRG4
Description  LOW-VOLTAGE 20-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV16210VRG4 Datasheet(HTML) 5 Page - Texas Instruments

  74CBTLV16210VRG4 Datasheet HTML 1Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 2Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 3Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 4Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 5Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 6Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 7Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 8Page - Texas Instruments 74CBTLV16210VRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74CBTLV16210DLG4
ACTIVE
SSOP
DL
48
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV16210DLRG4
ACTIVE
SSOP
DL
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV16210GRG4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV16210VRE4
ACTIVE
TVSOP
DGV
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV16210VRG4
ACTIVE
TVSOP
DGV
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV16210DL
ACTIVE
SSOP
DL
48
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV16210DLR
ACTIVE
SSOP
DL
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV16210GR
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV16210VR
ACTIVE
TVSOP
DGV
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Aug-2007
Addendum-Page 1


Similar Part No. - 74CBTLV16210VRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16210VRG4 TI-74CBTLV16210VRG4 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210VRG4 TI-74CBTLV16210VRG4 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results

Similar Description - 74CBTLV16210VRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210_08 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_09 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861 TI-SN74CBT16861_07 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBTR16861 TI-SN74CBTR16861 Datasheet
153Kb / 9P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
   20-bit FET Bus Switch
logo
Texas Instruments
SN74CBT16861 TI-SN74CBT16861 Datasheet
66Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16210DGGR TI-SN74CBT16210DGGR Datasheet
382Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com