Electronic Components Datasheet Search |
|
SN74ALVCH245DWG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
SN74ALVCH245DWG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 14 page www.ti.com FEATURES DESCRIPTION/ORDERING INFORMATION DGV, DW, NS, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 DIR A1 A2 A3 A4 A5 A6 A7 A8 GND VCC OE B1 B2 B3 B4 B5 B6 B7 B8 SN74ALVCH245 OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS SCES119G – JULY 1997 – REVISED SEPTEMBER 2004 • Operates From 1.65 V to 3.6 V • Max tpd of 3.4 ns at 3.3 V • ±24-mA Output Drive at 3.3 V • Bus Hold on Data Inputs Eliminates the Need for External Pullup/Pulldown Resistors • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II This octal bus transceiver is designed for 1.65-V to 3.6-V VCC operation. The SN74ALVCH245 is designed for asynchronous communication between data buses. The device transmits data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so the buses are effectively isolated. <br/> To ensure the high-impedance state during power up or power down, OE should be tied to V CC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors with the bus-hold circuitry is not recommended. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING Tube SN74ALVCH245DW SOIC - DW ALVCH245 Tape and reel SN74ALVCH245DWR SOP - NS Tape and reel SN74ALVCH245NSR ALVCH245 -40 °C to 85°C Tube SN74ALVCH245PW TSSOP - PW VB245 Tape and reel SN74ALVCH245PWR TVSOP - DGV Tape and reel SN74ALVCH245DGVR VB245 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE INPUTS OPERATION OE DIR L L B data to A bus L H A data to B bus H X Isolation Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 1997–2004, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN74ALVCH245DWG4 |
|
Similar Description - SN74ALVCH245DWG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |