Electronic Components Datasheet Search |
|
SN74ALVCH245NSRG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
SN74ALVCH245NSRG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 14 page www.ti.com RECOMMENDED OPERATING CONDITIONS (1) SN74ALVCH245 OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS SCES119G – JULY 1997 – REVISED SEPTEMBER 2004 MIN MAX UNIT VCC Supply voltage 1.65 3.6 V VCC = 1.65 V to 1.95 V 0.65 × V CC VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.7 V VCC = 2.7 V to 3.6 V 2 VCC = 1.65 V to 1.95 V 0.35 × V CC VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 V VCC = 2.7 V to 3.6 V 0.8 VI Input voltage 0 VCC V VO Output voltage 0 VCC V VCC = 1.65 V -4 VCC = 2.3 V -12 IOH High-level output current mA VCC = 2.7 V -12 VCC = 3 V -24 VCC = 1.65 V 4 VCC = 2.3 V 12 IOL Low-level output current mA VCC = 2.7 V 12 VCC = 3 V 24 ∆t/∆v Input transition rise or fall rate 10 ns/V TA Operating free-air temperature -40 85 °C (1) All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 3 |
Similar Part No. - SN74ALVCH245NSRG4 |
|
Similar Description - SN74ALVCH245NSRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |