Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A20Z101K1ETR52F Datasheet(PDF) 2 Page - DB Lectro Inc

Part # A20Z101K1ETR52F
Description  RoHS Compliant Axial Multilayer Ceramic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A20Z101K1ETR52F Datasheet(HTML) 2 Page - DB Lectro Inc

  A20Z101K1ETR52F Datasheet HTML 1Page - DB Lectro Inc A20Z101K1ETR52F Datasheet HTML 2Page - DB Lectro Inc A20Z101K1ETR52F Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ⅲ、 Size Code Capacitance and Voltage
Dimensions (mm)
Capacitance (PF)
Size
Lmax Dmax
F
D
Voltage
COG(NPO)
X7R
Y5V(Z5U)
25V
0R5~332 331~104
103~105
50V
0R5~222 331~473
103~684
15
4.3
2.5 5.0 10 0.45
100V
0R5~102 331~223
25V
0R5~472 102~224
103~125
50V
0R5~392 102~104
103~105
20
5.1
3
7.5 10 0.45
100V
0R5~152 102~683
Ⅳ、 Packaging Style
Reel Package >>>
> Package Q'ty >>>
Size
Reel
Package
Ammo
Package
Bulk
9
5000
5000
1000,5000
20
2500
2500
500
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - A20Z101K1ETR52F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
logo
Micrel Semiconductor
A20 MICREL-A20 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
List of Unclassifed Man...
A20 ETC2-A20 Datasheet
3Mb / 35P
   ARMv7 ISA standard ARM instruction set
logo
XP Power Limited
A20 XPPOWER-A20 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Vishay Siliconix
A20 VISHAY-A20 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results

Similar Description - A20Z101K1ETR52F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
logo
RFE international
AD10 RFE-AD10 Datasheet
117Kb / 1P
   CERAMIC CAPACITOR AD Series: Axial Leaded Multilayer
logo
Kingtronics Internation...
AKT KINGTRONICS-AKT Datasheet
412Kb / 2P
   Axial MLCC Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
UP025SL470J-A-BZ TAIYO-YUDEN-UP025SL470J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitor
logo
TAITRON Components Inco...
TMA TAITRON-TMA Datasheet
177Kb / 5P
   Axial Ceramic Monolithic Capacitor
logo
List of Unclassifed Man...
MC14701 ETC2-MC14701 Datasheet
203Kb / 1P
   ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
logo
RFE international
AD10CG104K500A RFE-AD10CG104K500A Datasheet
595Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (C0G/NPO): Axial Leaded
2022.05.31
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com