Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS853 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPS853
Description  TOSHIBA Photo IC Silicon Epitaxial Planar
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS853 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPS853 Datasheet HTML 1Page - Toshiba Semiconductor TPS853 Datasheet HTML 2Page - Toshiba Semiconductor TPS853 Datasheet HTML 3Page - Toshiba Semiconductor TPS853 Datasheet HTML 4Page - Toshiba Semiconductor TPS853 Datasheet HTML 5Page - Toshiba Semiconductor TPS853 Datasheet HTML 6Page - Toshiba Semiconductor TPS853 Datasheet HTML 7Page - Toshiba Semiconductor TPS853 Datasheet HTML 8Page - Toshiba Semiconductor TPS853 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TPS853
2005-07-21
5
(2)
Recommended soldering pattern
(3)
Cleaning conditions
When cleaning is required after soldering
Chemicals: AK225 alcohol
Temperature and time: 50°C
× 30 s or 30°C × 3 minutes
Ultrasonic cleaning: 300 W or less
Packing Specification
(1)
Packing quantity
Reel (minimum packing quantity)
3,000 devices
Carton
5 reels (15,000 devices)
(2)
Packing format
An aluminum envelope containing silica gel and reels is deaerated and sealed.
Pack shock-absorbent materials around the aluminum envelopes in the cartons to cushion them.
• Carton specification
Carton dimensions
(W) 81 mm
× (L) 280 mm × (H) 280 mm
Label
0.65
0.65
0.4
Unit: mm


Similar Part No. - TPS853

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS853 TOSHIBA-TPS853 Datasheet
277Kb / 12P
   Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
TPS853 TOSHIBA-TPS853_07 Datasheet
277Kb / 12P
   Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
More results

Similar Description - TPS853

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS819 TOSHIBA-TPS819 Datasheet
169Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS859 TOSHIBA-TPS859 Datasheet
283Kb / 13P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
203Kb / 12P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS818 TOSHIBA-TPS818 Datasheet
128Kb / 5P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS806 TOSHIBA-TPS806 Datasheet
237Kb / 5P
   TOSHIBA PHOTO IC SILICON EPITAXIAL PLANAR
TPS812 TOSHIBA-TPS812 Datasheet
270Kb / 5P
   TOSHIBA PHOTO IC SILICON EXITAXIAL PLANAR
TPS813 TOSHIBA-TPS813 Datasheet
271Kb / 5P
   PHOTO IC SILICON EPITAXIAL PLANAR
TPS850 TOSHIBA-TPS850_07 Datasheet
275Kb / 10P
   Photo-IC Silicon Epitaxial Planar
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
   TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com