Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8202 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCP8202
Description  TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8202 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCP8202 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCP8202
2007-01-16
5
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain
−source voltage VDS (V)
IDR – VDS
Drain
−source voltage VDS (V)
C – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
0
−80
−40
0
40
80
120
160
20
30
40
50
VGS = 2.5 V
4.5 V
4.0 V
ID = 1.4,2.8,5.5 A
5.5 A
ID = 1.4 A
2.8 A
Common source
Single Pulse test
0.1
0
1
10
− 0.2
− 0.4
− 0.6
− 0.8
− 1
Common source
Ta
= 25°C
Single Pulse test
VGS = 0 V
1
2
4
10
0.1
1
10
100
100
1000
10000
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
0.0
−80
−40
0
40
80
120
160
0.4
0.8
1.2
1.6
Common source
VDS = 10 V
ID = 0.2 mA
Pulse test
0
0.5
1.0
1.5
2.0
0
40
80
120
160
(1)
(2)
(3)
(4)
Device mounted on a glass-epoxy board (a)
(Note 2a)
(1) Single-device operation
(Note 3a)
(2) Single-device value at dual operation
(Note 3b)
Device mounted on a glass-epoxy board (b)
(Note 2b)
(3) Single-device operation
(Note 3a)
(4) Single-device value at dual operation
(Note 3b)
t
= 5 s
10
0.2
0.6
1.0
1.4
200
Total gate charge Qg (nC)
Dynamic input/output
characteristics
35
0
0
4
16
20
24
28
32
36
5
15
20
10
30
25
VDD
= 24V
Common source
ID = 5.5 A
Ta
= 25°C
Pulse test
8
12
7
0
1
3
4
2
6
5
VGS
VDS
6V
12V


Similar Part No. - TPCP8202

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8202 TOSHIBA-TPCP8202 Datasheet
251Kb / 7P
   Portable Equipment Applications Motor Drive Applications DC_DC Converters
TPCP8202 TOSHIBA-TPCP8202_1 Datasheet
251Kb / 7P
   Portable Equipment Applications Motor Drive Applications DC_DC Converters
More results

Similar Description - TPCP8202

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
2SK3565 TOSHIBA-2SK3565_V01 Datasheet
218Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
2SK3763 TOSHIBA-2SK3763 Datasheet
96Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type ( pi -MOSIV)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com