Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8602 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCP8602
Description  High-Speed Switching Applications DC-DC Converter Applications Strobe Flash Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8602 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCP8602 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8602 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8602 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8602 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8602 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPCP8602
2006-11-13
4
rth – tw
Pulse width tw (s)
1000
1
0.001
1000
0.01
0.1
10
100
10
100
1 ms*
10 ms*
100 μs*
IC max (Pulse)*
DC operation
Ta = 25°C
IC max
(Continuous)*
100 ms*
VCEO max
1
Collector
−emitter voltage −VCE (V)
Safe operating area
0.01
0.1
1
10
1
10
100
10 s*
0.1
10 μs*
Curves apply only to limited areas of thermal resistance.
Single nonrepetitive pulse Ta
= 25°C
Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
*: Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 100 ms,
10 s and DC operation will be
different when the devices aren’t
mounted on an FR4 board (glass
epoxy, 1.6 mm thick, Cu area:
645 mm
2).
These characteristic curves must
be derated linearly with increase
in temperature.


Similar Part No. - TPCP8602

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8602 TOSHIBA-TPCP8602 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8602

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5692 TOSHIBA-2SC5692 Datasheet
167Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6100 TOSHIBA-2SC6100 Datasheet
172Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6135 TOSHIBA-2SC6135 Datasheet
147Kb / 4P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC5755 TOSHIBA-2SC5755 Datasheet
115Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2059 TOSHIBA-2SA2059_09 Datasheet
163Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2060 TOSHIBA-2SA2060_09 Datasheet
163Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2065 TOSHIBA-2SA2065_06 Datasheet
155Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2056 TOSHIBA-2SA2056_06 Datasheet
156Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2058 TOSHIBA-2SA2058_06 Datasheet
155Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6134 TOSHIBA-2SC6134 Datasheet
150Kb / 4P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com