Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8210 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCS8210
Description  Lithium Ion Battery Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8210 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCS8210_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8210_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8210_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8210_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8210_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8210_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8210_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCS8210
2007-01-16
5
RDS (ON) – Ta
IDR – VDS
Capacitance – VDS
Vth – Ta
PD – Ta
Dynamic input/output characteristics
0
−100
−50
0
150
100
50
0.2
0.4
0.6
0.8
1
1.2
1.4
Common source
VDS = 10 V
ID = 200 μA
Pulse test
Common source
Pulse test
0
−50
10
20
30
40
50
60
0
50
150
100
ID = 5 A
2.5
1.25
ID = 5, 2.5, 1.25 A
ID = 5, 2.5, 1.25 A
VGS = 4.0 V
VGS = 2.5 V
VGS = 2.0 V
10
0.1
100
1000
10000
1
10
100
Ciss
Coss
Crss
Common source
Ta
= 25°C
f
= 1MHz
VGS = 0 V
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
0
0
0.2
0.4
0.6
0.8
1
1.2
50
100
200
150
(1)
(4)
(3)
(2)
Device mounted on a glass-epoxy board (a)
(Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b)
(Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual
operation (Note 3b)
t
= 10 s
0
0
5
10
15
20
25
30
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
VDS = 16 V
Common source
ID = 5 A
Ta
= 25°C
Pulse test
VGS
0.1
0
−0.2
−0.4
−0.6
−0.8
−1
0.3
0.5
1
10
3
5
VGS = 0 V
Common source
Ta
= 25°C
Pulse test
1
2
4


Similar Part No. - TPCS8210_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210 Datasheet
426Kb / 7P
   SILICON N CHANNEL MOS TYPE LITHIUM BATTERY APPLICATIONS
More results

Similar Description - TPCS8210_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
   Lithium Ion Battery Applications
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
   LITHIUM ION BATTERY APPLICATIONS
TPCS8208 TOSHIBA-TPCS8208_07 Datasheet
193Kb / 7P
   Lithium Ion Battery Applications
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Toshiba Semiconductor
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com