Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1033F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPD1033F
Description  High-side Power Switch for Motors, Solenoids, and Lamp Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1033F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD1033F_07 Datasheet HTML 1Page - Toshiba Semiconductor TPD1033F_07 Datasheet HTML 2Page - Toshiba Semiconductor TPD1033F_07 Datasheet HTML 3Page - Toshiba Semiconductor TPD1033F_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD1033F_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD1033F_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD1033F_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD1033F_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD1033F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPD1033F
2006-10-31
5
Electrical Characteristics
(Unless otherwise specified, Tch = - 40 to 110°C, VDD = 8~18 V)
Note 3: Overcurrent detection value when load is short circuited and VIN = “L” → “H”
Note 4: Overcurrent detection value when load current is increased while VIN = “H”
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min
Typ.
Max
Unit
Operating supply voltage
VDD (opr)
5
12
18
V
Supply current
IDD
VDD = 12 V, VIN = 0 V
1
5
mA
VIH
VDD = 12 V, IO = 2 A
3.5
V
Input voltage
VIL
VDD = 12 V, IO = 1.2 mA
1.5
V
IIN (1)
VDD = 12 V, VIN = 5 V
50
200
μA
Input current
IIN (2)
VDD = 12 V, VIN = 0 V
-0.2
0.2
μA
On-voltage
VDS (ON)
VDD = 12 V, IO = 2 A,
Tch = 25°C
0.44
V
On-resistance
RDS (ON)
VDD = 12 V, IO = 2 A,
Tch = 25°C
0.22
Output leakage current
IOL
VDD = 18 V, VIN = 0 V
1.2
mA
Diagnosis output
voltage
“L” Level
VDL
VDD = 12 V, IDL = 2 mA
0.4
V
Diagnosis output
current
“H” Level
IDH
VDD = 18 V, VDH = 18 V
10
μA
IS (1)
Note 3
1
4
6
8
A
Overcurrent protection
IS (2)
Note 4
2
VDD = 12 V, Tch = 25°C
4
8
12
A
Temperature
Ts
150
160
200
°C
Thermal shutdown
Hysteresis
ΔTs
10
°C
Open detection resistance
Rops
VDD = 8 V
1
20
100
kΩ
tON
3
10
100
μs
Switching time
tOFF
3
VDD = 12 V, RL = 5Ω,
Tch = 25°C
10
30
μs


Similar Part No. - TPD1033F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
More results

Similar Description - TPD1033F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1034F TOSHIBA-TPD1034F_07 Datasheet
456Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F Datasheet
291Kb / 7P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1034F TOSHIBA-TPD1034F Datasheet
318Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1008SA TOSHIBA-TPD1008SA Datasheet
324Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS,SOLENOIDS, AND LAMP DRIVERS
TPD1008SA TOSHIBA-TPD1008SA_07 Datasheet
762Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F_07 Datasheet
500Kb / 8P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com