Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5964-0801 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C5964-0801
Description  NMOS multichannel detector head
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5964-0801 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C5964-0801 Datasheet HTML 1Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 2Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 3Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 4Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 5Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NMOS multichannel detector head
C5964 series
s Pin connection
PIN No.
Symbol
Description
1
NC
No connection.
2
Data video
Analog video output signal. Positive polarity.
3VA1+ (+15 V)
Power supply for analog circuitry.
4
VA1- (-15 V)
Power supply for analog circuitry.
5VD (+5 V, P+)
Power supply for digital circuitry. For the thermoelectric cooler in the NMOS linear image sensor.
6
Start
Digital input signal to initialize the circuit.
HCMOS compatible. Positive logic.
The start pulse interval determines the signal storage time of the sensor.
7CLK
Digital input signal to specify the circuit operation.
HCMOS compatible. Operates at the rising edge.
8
EOS
Digital output signal to indicate the end of scan of the NMOS linear image sensor.
HCMOS compatible. Negative logic.
9
A. GND
Analog ground.
10
A. GND
Analog ground.
11
NC
No connection.
12
D. GND (P-)
Digital ground. Power supply return of the thermoelectric cooler mounted in the NMOS linear
image sensor.
13
D. GND
Digital ground.
14
D. GND
Digital ground.
15
Trigger
Digital output signal for A/D conversion.
HCMOS compatible. Positive logic.
s Dimensional outline (unit: mm)
KACCC0069EA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15-pin D-sub connector (socket type)
KACCA0053EA
115
FOCAL LENGTH 7.0 ± 0.5
(4 ×) M3
DEPTH 9
40.0
49.0
5


Similar Part No. - C5964-0801

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964-0801 HAMAMATSU-C5964-0801 Datasheet
243Kb / 6P
   NMOS multichannel detector head
More results

Similar Description - C5964-0801

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
   NMOS multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com