Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U10LC48 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # U10LC48
Description  General Purpose Rectifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U10LC48 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  U10LC48_07 Datasheet HTML 1Page - Toshiba Semiconductor U10LC48_07 Datasheet HTML 2Page - Toshiba Semiconductor U10LC48_07 Datasheet HTML 3Page - Toshiba Semiconductor U10LC48_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
U10LC48
2006-11-06
1
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
U10LC48
General Purpose Rectifier Applications
• Repetitive Peak Reverse Voltage
: VRRM = 800 V
• Average Forward Current
: IF(AV) = 10 A
• TO-220 SM Package
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
800
V
Average Forward Current
IF(AV)
10
A
180 (50Hz)
Peak One Cycle Surge Forward
Current
IFSM
198 (60Hz)
A
Junction Temperature
Tj
−40~150
°C
Storage Temperature Range
Tstg
−40~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Repetitive Peak Reverse Current
IRRM
VRRM = 800V
30
μA
Peak Forward Voltage
VFM
IFM = 10A
1.2
V
Thermal Resistance
Rth (j−c)
DC
2.0
°C / W
POLARITY
JEDEC
JEITA
TOSHIBA
Weight: 1.7g
Unit: mm


Similar Part No. - U10LC48_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U10LC48 TOSHIBA-U10LC48 Datasheet
190Kb / 4P
   TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
More results

Similar Description - U10LC48_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
   GENERAL PURPOSE RECTIFIER APPLICATIONS.
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
   General Purpose Rectifier Applications
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
   GENERAL PURPOSE RECTIFIER APPLICATIONS
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
1N4001WS KEXIN-1N4001WS Datasheet
63Kb / 2P
   General Purpose Rectifier Applications
logo
Toshiba Semiconductor
CRG09 TOSHIBA-CRG09 Datasheet
188Kb / 6P
   General Purpose Rectifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com