Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2004F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPD2004F
Description  2-channel Squib Driver for Air Bags
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2004F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TPD2004F Datasheet HTML 2Page - Toshiba Semiconductor TPD2004F Datasheet HTML 3Page - Toshiba Semiconductor TPD2004F Datasheet HTML 4Page - Toshiba Semiconductor TPD2004F Datasheet HTML 5Page - Toshiba Semiconductor TPD2004F Datasheet HTML 6Page - Toshiba Semiconductor TPD2004F Datasheet HTML 7Page - Toshiba Semiconductor TPD2004F Datasheet HTML 8Page - Toshiba Semiconductor TPD2004F Datasheet HTML 9Page - Toshiba Semiconductor TPD2004F Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TPD2004F
2006-10-31
6
Absolute Maximum Rating (Ta = -40~85°C)
Characteristics
Symbol
Rating
Unit
VBB
30
Power Supply Voltage
VCC
10
V
SS
30
Input Voltage
VIN
-0.5~7
V
Backup Capacitor Capacitance
CM
1500 (1ch)
μF
Backup Capacitor Charging Voltage
CV
25
V
Squib ON-Time
tON
15
ms
Squib Driver Current (channel)
ISQ
10
A
Power Dissipation
PD
0.8
W
Operating Temperature
Topr
-40~85
°C
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~150
°C
Note1: The squib driver uses a 60V tolerant output device. However, this does not guarantee that the squib
tolerates 60V because this varies with the withstand voltages of peripheral circuits.
Note2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).


Similar Part No. - TPD2004F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F Datasheet
379Kb / 10P
   SILICON MONOLITHIC POWER MOS IC
More results

Similar Description - TPD2004F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
STMicroelectronics
L9660 STMICROELECTRONICS-L9660 Datasheet
625Kb / 49P
   Quad squib driver ASIC for safety application
September 2013 Rev 2
L9659 STMICROELECTRONICS-L9659 Datasheet
577Kb / 51P
   Octal squib driver ASIC for safety application
September 2013 Rev 2
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
DRV3901-Q1 TI-DRV3901-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   DRV3901-Q1 Single Channel Squib Driver For Automotive EV Pyro-Fuse
OCTOBER 2023
TPIC71008-Q1 TI1-TPIC71008-Q1 Datasheet
556Kb / 10P
[Old version datasheet]   Eight-Channel Squib Drivers
logo
JST Mfg. Co., Ltd.
SQN JST-SQN Datasheet
124Kb / 3P
   Squib connectors
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
   Quad squib driver and dual sensor interface ASIC for safety application
November 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com