Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS611 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPS611
Description  Silicon NPN Epitaxial Planar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS611 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPS611_07 Datasheet HTML 1Page - Toshiba Semiconductor TPS611_07 Datasheet HTML 2Page - Toshiba Semiconductor TPS611_07 Datasheet HTML 3Page - Toshiba Semiconductor TPS611_07 Datasheet HTML 4Page - Toshiba Semiconductor TPS611_07 Datasheet HTML 5Page - Toshiba Semiconductor TPS611_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPS611(F)
2007-10-01
1
TOSHIBA Phototransistor Silicon NPN Epitaxial Planar
TPS611(F)
Lead(Pb)-Free
Photoelectric Counter
Various Kinds Of Readers
Position Detection
• φ5mm epoxy resin package(black)
• High sensitivity: IL = 120μA(typ.)
• Half value angle: θ1/2 = ±8°(typ.)
• Protected from external light by black mold packaging.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector
−emitter voltage
VCEO
30
V
Emitter
−Collector voltage
VECO
5
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Collector power dissipation
derating(Ta>25°C)
ΔPC /°C
−2
mW/°C
Operating temperature range
Topr
−20~75
°C
Storage temperature range
Tstg
−30~100
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Optoelectrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Dark current
ID (ICEO)
IF = 24V, E=0
0.005
0.1
μA
Light current
IL
VCE = 3V, E=0.1mW/cm
2
(Note)
30
120
μA
Collector
−emitter saturation
voltage
VCE(sat)
IC = 15μA, E=0.1mW/cm
2
(Note)
0.25
0.4
V
Rise time
tr
6
Switching time
Fall time
tf
VCC = 5V, IC = 2mA
RL = 100Ω
6
μs
Peak sensitivity wavelength
λP
900
nm
Half value angle
θ
2
1
±8
°
Note: Color temperature = 2870K, standard tungsten lamp
Unit in mm
TOSHIBA
0−5C1
Weight: 0.3 g (typ.)
Pin Connection
1. Emitter
2. Collector
1
2


Similar Part No. - TPS611_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100PW TI-TPS61100PW Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100PW TI1-TPS61100PW Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100PWG4 TI1-TPS61100PWG4 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Similar Description - TPS611_07

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1907 HITACHI-2SC1907 Datasheet
39Kb / 7P
   Silicon NPN Epitaxial Planar
2SC2776 HITACHI-2SC2776 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC460 HITACHI-2SC460 Datasheet
51Kb / 13P
   Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1907 RENESAS-2SC1907 Datasheet
164Kb / 6P
   Silicon NPN Epitaxial Planar
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
   Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar
logo
Hitachi Semiconductor
2SC1906 HITACHI-2SC1906 Datasheet
45Kb / 8P
   Silicon NPN Epitaxial Planar
2SC2620 HITACHI-2SC2620 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC3391 HITACHI-2SC3391 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC4693 HITACHI-2SC4693 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC1377 ETC-2SC1377 Datasheet
160Kb / 3P
   SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com