Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS820 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPS820
Description  Silicon Epitaxial Planar
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS820 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPS820 Datasheet HTML 1Page - Toshiba Semiconductor TPS820 Datasheet HTML 2Page - Toshiba Semiconductor TPS820 Datasheet HTML 3Page - Toshiba Semiconductor TPS820 Datasheet HTML 4Page - Toshiba Semiconductor TPS820 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPS820(B,F)
2007-10-01
2
Pin Configuration
Optical and Electrical Characteristics (Ta = 25°C, VCC = 5 V)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Current consumption
ICC
E
= 0, IL must be open between
pins
0.017
1
μA
Light current (1)
IL(1)
E
= 0.01 mW/cm
2
(Note2)
150
600
μA
Light current (2)
IL(2)
E
= 0.1 mW/cm
2
(Note2)
1.5
6
mA
Output linearity
IL(2)/IL(1)
8
10
12
Saturation output voltage
VOUT(sat)
E
= 0.1 mW/cm
2
(Note2)
RL = 10 kΩ
4.1
4.2
V
Dark current
ID
E
= 0
0.5
μA
Peak sensitivity wavelength
λp
870
nm
Rise time
tr
250
μs
Fall time
tf
VOUT = 2.5 V
RL = 10 kΩ
(Note3)
700
μs
Note 2: The light used is a CIE standard A light source (a standard tungsten bulb with a color temperature of 2856K)
Note 3: Switching time measurement circuit and waveform
Precautions
• When this device is used in combination with an LED lamp, the lamp must be an infrared LED lamp.
• To stabilize the power line, insert a bypass capacitor of up to 0.01 μF between VCC and GND, close to the device.
• When the power is turned on, the output value will fluctuate for 1 ms as the internal circuit stabilizes.
Current
AMP.
1. GND
2. OUT
3. VCC
tr
tf
90%
10%
VOUT
IF
TPS820
VOUT
VCC
RL
Pulse drive
0.01
μF


Similar Part No. - TPS820

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Texas Instruments
TPS82084 TI-TPS82084 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILR TI-TPS82084SILR Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILT TI-TPS82084SILT Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
More results

Similar Description - TPS820

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N Datasheet
1Mb / 4P
   Silicon Epitaxial Planar
logo
Toshiba Semiconductor
TPS816F TOSHIBA-TPS816F_07 Datasheet
173Kb / 6P
   Silicon Epitaxial Planar
logo
SEMTECH ELECTRONICS LTD...
1SS77WS SEMTECH_ELEC-1SS77WS Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
EMZ1 SECOS-EMZ1 Datasheet
1Mb / 4P
   Silicon Epitaxial Planar
logo
Hitachi Semiconductor
2SC641K HITACHI-2SC641K Datasheet
626Kb / 3P
   SILICON EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS852 TOSHIBA-TPS852 Datasheet
247Kb / 12P
   Silicon Epitaxial Planar
TPS841 TOSHIBA-TPS841 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS842A TOSHIBA-TPS842A_07 Datasheet
226Kb / 6P
   Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851_07 Datasheet
272Kb / 12P
   Silicon Epitaxial Planar
logo
Panasonic Semiconductor
2SA963 PANASONIC-2SA963 Datasheet
109Kb / 3P
   SILICON EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com