Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F9890-12 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # F9890-12
Description  HIGH TIME RESOLUTION TOF-MS DETECTOR HIGH VOLTAGE FLOATING OPERATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

F9890-12 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  F9890-12 Datasheet HTML 1Page - Hamamatsu Corporation F9890-12 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
OVERVIEW
MCP ASSEMBLY
F9890-11/-12, F9892-11/-12
NEW
The F9890-11/-12 and F9892-11/-12 are ideal detec-
tors with large effective area for TOF-MS (Time of
Flight Mass Spectrometry).
Our own advanced technology in optimizing the as-
sembly design with flat MCP allows excellent time res-
olution of 1.2 ns (FWHM: F9892-11/-12) with negligible
ringing at both
±10 kV high voltage floating operation.
TMCPB0088EB
HIGH TIME RESOLUTION TOF-MS DETECTOR
HIGH VOLTAGE FLOATING OPERATION
Figure 1: Typical Output Waveform (F9892-12)
GHigh voltage floating operation
MCP-IN
± 10 kV
GFast time response
GLarge effective area
F9890-11/-12
27 mm
F9892-11/-12
42 mm
GExcellent MCP flatness
GRobust MCP
GLess ringing
GSmall time jitter
-120
-100
-80
-60
-40
-20
0
20
RESPONSE TIME (1 ns/div.)
FLOATING OPERATION
MCP-IN SUPPLY VOLTAGE
0 kV
-10 kV
+10 kV
FWHM: 1.2 ns


Similar Part No. - F9890-12

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
F9890-13 HAMAMATSU-F9890-13 Datasheet
130Kb / 2P
   HIGH TIME RESOLUTION TOF-MS DETECTOR ANODE GROUND TYPE
F9890-14 HAMAMATSU-F9890-14 Datasheet
130Kb / 2P
   HIGH TIME RESOLUTION TOF-MS DETECTOR ANODE GROUND TYPE
More results

Similar Description - F9890-12

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
F9890-13 HAMAMATSU-F9890-13 Datasheet
130Kb / 2P
   HIGH TIME RESOLUTION TOF-MS DETECTOR ANODE GROUND TYPE
F4655-13 HAMAMATSU-F4655-13 Datasheet
63Kb / 2P
   MCP ASSEMBLY FOR HIGH RESOLUTION TOF-MS
F4655-13 HAMAMATSU-F4655-13_05 Datasheet
116Kb / 2P
   High-Speed Response MCP Assembly Ideal for High Resolution TOF-MS Detector Incorporates a Two-Stage MCP with 4 關m Channel Diameter
logo
Seiko Instruments Inc
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110AXXA SII-S19110AXXA Datasheet
4Mb / 49P
   FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
Rohm
BM6205FS ROHM-BM6205FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6206FS ROHM-BM6206FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6207FS ROHM-BM6207FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6208FS ROHM-BM6208FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com