Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDD050N20 Datasheet(PDF) 2 Page - Rohm

Part # RDD050N20
Description  10V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RDD050N20 Datasheet(HTML) 2 Page - Rohm

  RDD050N20 Datasheet HTML 1Page - Rohm RDD050N20 Datasheet HTML 2Page - Rohm RDD050N20 Datasheet HTML 3Page - Rohm RDD050N20 Datasheet HTML 4Page - Rohm RDD050N20 Datasheet HTML 5Page - Rohm RDD050N20 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RDD050N20
Transistors
2/5
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Max.
Typ.
Unit
Conditions
Gate-Source Leakage
Drain-Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate Threshold Voltage
Forward Transfer Admittance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
IGSS
V(BR) DSS
IDSS
VGS (th)
RDS (on)
⏐Yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Min.
200
2.0
1.1
VGS
=±30V, VDS=0V
ID
=1mA, VGS=0V
VDS
=200V, VGS=0V
VDS
=10V, ID=1mA
ID
=2.5A, VGS=10V
VDS
=10V, ID=2.5A
VDS
=10V
VGS
=0V
f
=1MHz
ID
=2.5A, VDD 100V
VGS
=10V
RL
=40Ω
RG
=10Ω
VDD
=100V
VGS
=10V
ID
=5A
0.55
1.8
292
92
28
10
22
23
28
9.3
2.8
3.7
µA
V
µA
V
S
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
±10
25
4.0
0.72
Static Drain-Source On-State
Resistance
∗ Pulsed
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
1.5
V
IS= 5.0A, VGS=0V
Forward voltage
trr
117
ns
IDR= 5.0A, VGS=0V
di/dt= 100A /
µs
Reverse recovery time
Qrr
0.37
−µC
Reverse recovery charge
∗ Pulsed
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions


Similar Part No. - RDD050N20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDD05 ETC1-RDD05 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
RDD05-03D1 ETC1-RDD05-03D1 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
RDD05-03D2 ETC1-RDD05-03D2 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
RDD05-03D3 ETC1-RDD05-03D3 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
RDD05-03S1 ETC1-RDD05-03S1 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
More results

Similar Description - RDD050N20

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com