Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G139YEPR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G139YEPR
Description  2-TO-4 LINE DECODER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G139YEPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G139YEPR Datasheet HTML 1Page - Texas Instruments SN74LVC1G139YEPR Datasheet HTML 2Page - Texas Instruments SN74LVC1G139YEPR Datasheet HTML 3Page - Texas Instruments SN74LVC1G139YEPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G139YEPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G139YEPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G139YEPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G139YEPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G139YEPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
abc
Y1
3
2
5
8
1
A
VCC
B
GND
DCT PACKAGE
(TOP VIEW)
YEP OR YZP PACKAGE
(BOTTOM VIEW)
DCU PACKAGE
(TOP VIEW)
3
2
4
5
1
A
VCC
Y0
B
GND
B
GND
VCC
Y2
Y3
See mechanical drawings for dimensions.
2
5
3
4
8
Y3
Y1
Y2
Y3
Y0
Y2
4
6
7
6
7
8
6
1
7
A
Y1
Y0
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G139
2-TO-4 LINE DECODER
SCES602B – AUGUST 2004 – REVISED DECEMBER 2005
Available in the Texas Instruments
Latch-Up Performance Exceeds 100 mA Per
NanoStar™ and NanoFree™ Packages
JESD 78, Class II
Supports 5-V V
CC Operation
ESD Protection Exceeds JESD 22
Inputs Accept Voltages to 5.5 V
– 2000-V Human-Body Model (A114-A)
Max t
pd of 4.9 ns at 3.3 V
– 200-V Machine Model (A115-A)
Low Power Consumption, 10-
µA Max I
CC
– 1000-V Charged-Device Model (C101)
±24-mA Output Drive at 3.3 V
I
off Supports Partial-Power-Down Mode
Operation
This 2-to-4 line decoder is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G139 2-line to 4-line decoder is designed to be used in high-performance memory-decoding or
data-routing applications requiring very short propagation delay times. In high-performance memory systems, this
decoder can be used to minimize the effects of system decoding. When used with high-speed memories utilizing
a fast enable circuit, the delay times of these decoders and the enable time of the memory usually are less than
the typical access time of the memory. This means that the effective system delay introduced by the decoder is
negligible.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1G139YEPR
0.23-mm Large Bump – YEP
Reel of 3000
_ _ _C9_
NanoFree™ – WCSP (DSBGA)
SN74LVC1G139YZPR
0.23-mm Large Bump – YZP (Pb-free)
–40
°C to 85°C
Reel of 3000
SN74LVC1G139DCTR
SSOP – DCT
C39_ _ _
Reel of 250
SN74LVC1G139DCTT
Reel of 3000
SN74LVC1G139DCUR
VSSOP – DCU
C39_
Reel of 250
SN74LVC1G139DCUT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G139YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G139YEPR TI-SN74LVC1G139YEPR Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
SN74LVC1G139YEPR TI-SN74LVC1G139YEPR Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
More results

Similar Description - SN74LVC1G139YEPR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI1-SN74LVC1G139_15 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com